Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA-04BU-T-V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DA-04BU-T-V
Description  DS, DP, DA Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DA-04BU-T-V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DA-04BU-T-V Datasheet HTML 1Page - List of Unclassifed Manufacturers DA-04BU-T-V Datasheet HTML 2Page - List of Unclassifed Manufacturers DA-04BU-T-V Datasheet HTML 3Page - List of Unclassifed Manufacturers DA-04BU-T-V Datasheet HTML 4Page - List of Unclassifed Manufacturers DA-04BU-T-V Datasheet HTML 5Page - List of Unclassifed Manufacturers DA-04BU-T-V Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
12/02/13
DS, DP, DA Series
Specifications:
Mechanical
Mechanical Life
: 2,000 operations per switch.
Operation Force
: 400gf max. (DP Series)
1,000gf max. (DS & DA Series)
Stroke
: 2.0mm
Operation Temperature : -20°C to +70°C
Storage Temperature
: -40°C to +85°C
Electrical
Electrical Life
: 2,000 operations per switch 24V DC,25mA
Non-Switching Rating
: 100mA , 50V DC
Switching Rating
: 25mA , 24VDC
Contact Resistance
: 50mΩ max. at initial
Insulation Resistance
:{at 500 VDC} 100MΩ min.
Dielectric Strength
: 500VAC / 1 minute
Circuit
: SPST
Materials
Base
: Thermoplastic
Colour
: Black
Cover
: Thermoplastic
Colour
: Red, Black, Blue
Actuator
: High Thermoplastic
Colour
: White
Contact
: Phosphor bronze with gold plating over nickel
Top Seal
: Polyester Film
Potting Material
: Epoxy
Dimensions:
DS(R)
Dimensions : Millimetres (Inches)


Similar Part No. - DA-04BU-T-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA-04 ETC2-DA-04 Datasheet
442Kb / 6P
   DS, DP, DA Series
DA-04-T ETC2-DA-04-T Datasheet
442Kb / 6P
   DS, DP, DA Series
logo
Laird Tech Smart Techno...
DA-044-12-02 LSTD-DA-044-12-02 Datasheet
714Kb / 2P
   Precise temperature control
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
   Compact design
DA-045-24-02 LSTD-DA-045-24-02 Datasheet
733Kb / 2P
   Precise temperature control
More results

Similar Description - DA-04BU-T-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCDS02 ETC2-MCDS02 Datasheet
442Kb / 6P
   DS, DP, DA Series
MCDS12 ETC2-MCDS12 Datasheet
199Kb / 5P
   Switch - DS, DP, DA Series
logo
Adam Technologies, Inc.
MDP008 ADAM-TECH-MDP008 Datasheet
117Kb / 1P
   DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
DP-008 ADAM-TECH-DP-008 Datasheet
154Kb / 1P
   DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
logo
Crydom Inc.,
DP4R60D60B CRYDOM-DP4R60D60B Datasheet
1Mb / 7P
   DP Series
logo
Hamamatsu Corporation
C7247 HAMAMATSU-C7247 Datasheet
43Kb / 4P
   DA-TYPE SOCKET ASSEMBLIES
C7246 HAMAMATSU-C7246 Datasheet
46Kb / 4P
   DA-TYPE SOCKET ASSEMBLIES
logo
PHOENIX CONTACT
1686698 PHOENIX-1686698 Datasheet
95Kb / 3P
   WR-DA-PG21
logo
Fujitsu Component Limit...
MB40166 FUJITSU-MB40166 Datasheet
697Kb / 20P
   AD/DA CONVERTER
logo
Microchip Technology
AVR128DA28 MICROCHIP-AVR128DA28 Datasheet
4Mb / 606P
   AVR짰 DA Family
2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com