Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN8200 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SN8200
Description  Wi?륡i Module Evaluation Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SN8200 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SN8200 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SN8200 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
Note: Information in this brief is subject to change without notice.
© March 2013 Murata Americas E-mail: modules@murata.com
www.murata-ws.com
Evaluation Board Features
z
z
SN8200 Wi‐Fi Network Controller
z
z
Mini‐USB connector supporting USB‐JTAG and USB‐
serial interfaces
z
z
Pads for headers to access the I/O pins of the SN8200
module
z
z
Serial flash (8M bits) and interface header
z
z
SHT21 temperature and relative humidity sensor
z
z
UART interface header
SN8200 module
Serial ash
Serial ash interface
UART interface
SHT21 sensor
Reset button
Mini-USB connector
Power indicator
CN3
CN4 (VDD_3V6)
CN2 (VEXT on right)
VEXT
Ordering Information
Model Number
Description
Part Number
SN8200
Module
88-00151-00
SN8200 EVK+
Evaluation Kit
88-00151-95


Similar Part No. - SN8200

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SN8200 MURATA-SN8200 Datasheet
155Kb / 2P
   Wi-Fi 802.11 b/g/n Network Controller Module
logo
ML Accessories Limited....
SN8200 KNIGHTSBRIDGE-SN8200 Datasheet
182Kb / 1P
   LOAD/MAX. LOAD 100W Incandescent / 8W LED
27/03/2024
logo
Murata Manufacturing Co...
SN8200EVK MURATA-SN8200EVK Datasheet
947Kb / 2P
   Wi?륡i Module Evaluation Kit
SN8200UFL MURATA-SN8200UFL Datasheet
155Kb / 2P
   Wi-Fi 802.11 b/g/n Network Controller Module
More results

Similar Description - SN8200

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SN8200EVK MURATA-SN8200EVK Datasheet
947Kb / 2P
   Wi?륡i Module Evaluation Kit
logo
Radiometrix Ltd
NBEK RADIOMETRIX-NBEK Datasheet
591Kb / 10P
   Narrow Band Module Evaluation Kit
logo
Infineon Technologies A...
CYBLE-343072-EVAL-M2B INFINEON-CYBLE-343072-EVAL-M2B Datasheet
3Mb / 4P
   AIROC Bluetooth LE module evaluation kit
Rev. A 08 / 2022
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_1 Datasheet
344Kb / 3P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE EVALUATION KIT
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com