Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS61JB46IRHAR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS61JB46IRHAR
Description  14-Bit, Input-Buffered, 160-MSPS, Analog-to-Digital Converter with JESD204A Output Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS61JB46IRHAR Datasheet(HTML) 3 Page - Texas Instruments

  ADS61JB46IRHAR Datasheet HTML 1Page - Texas Instruments ADS61JB46IRHAR Datasheet HTML 2Page - Texas Instruments ADS61JB46IRHAR Datasheet HTML 3Page - Texas Instruments ADS61JB46IRHAR Datasheet HTML 4Page - Texas Instruments ADS61JB46IRHAR Datasheet HTML 5Page - Texas Instruments ADS61JB46IRHAR Datasheet HTML 6Page - Texas Instruments ADS61JB46IRHAR Datasheet HTML 7Page - Texas Instruments ADS61JB46IRHAR Datasheet HTML 8Page - Texas Instruments ADS61JB46IRHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
ADS61JB46
www.ti.com
SBAS611B – SEPTEMBER 2013 – REVISED OCTOBER 2013
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLIES, ANALOG INPUTS, AND REFERENCE VOLTAGES
AVDD
Analog supply voltage
1.7
1.8
1.9
V
DRVDD
Digital supply voltage
1.7
1.8
1.9
V
IOVDD
CML buffer supply voltage
1.7
1.8
1.9
V
AVDD_3V
Analog buffer supply voltage
3.0
3.3
3.6
V
Differential input voltage range
2
VPP
Input common-mode voltage
VCM ± 0.05
V
VCM (output), internal reference mode(1)
1.95
V
VCM (input), external reference mode
1.4
V
CLOCK INPUT
In JESD204A single-lane mode
15.625
156.3
MSPS
Input clock rate
In JESD204A dual-lane mode
31.25
160
MSPS
Sine wave, ac-coupled
0.2
3.0
VPP
LVPECL, ac-coupled
1.6
VPP
Input clock amplitude
LVDS, ac-coupled
0.7
VPP
differential (VCLKP – VCLKM)
CMOS, single-ended, ac-
1.5
V
coupled
Input clock duty cycle
35%
50%
65%
DIGITAL OUTPUTS
20x (sample
In single-lane mode
312.5
3125
Mbps
rate)
Output data rate
10x (sample
In dual-lane mode
312.5
1600
Mbps
rate)
CLOAD
Maximum external load capacitance from each pin to DRGND
5
pF
RLOAD
External termination from each output pin to IOVDD
50
Ω
TA
Operating free-air temperature
–40
+85
°C
(1)
Typical VCM reduces to 1.85 V after HIGH_SFDR_MODE (register address 02h) is written.
Table 1. HIGH_SFDR_MODE Summary
MODE
DESCRIPTION
HIGH_SFDR_MODE
Write register 02h, value 71h, to obtain best HD3 for input frequencies between 150 MHz to 250 MHz.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS61JB46


Similar Part No. - ADS61JB46IRHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS61JB23 TI-ADS61JB23 Datasheet
1Mb / 45P
[Old version datasheet]   12-Bit Input-Buffered 80 MSPS ADC with JESD204A Output Interface
ADS61JB23IRHAR TI-ADS61JB23IRHAR Datasheet
1Mb / 45P
[Old version datasheet]   12-Bit Input-Buffered 80 MSPS ADC with JESD204A Output Interface
ADS61JB23IRHAT TI-ADS61JB23IRHAT Datasheet
1Mb / 45P
[Old version datasheet]   12-Bit Input-Buffered 80 MSPS ADC with JESD204A Output Interface
More results

Similar Description - ADS61JB46IRHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS61JB23 TI-ADS61JB23 Datasheet
1Mb / 45P
[Old version datasheet]   12-Bit Input-Buffered 80 MSPS ADC with JESD204A Output Interface
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
ADC34J42 TI1-ADC34J42 Datasheet
6Mb / 90P
[Old version datasheet]   ADC34J4x Quad-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with a JESD204B Interface
ADC16DV160 TI1-ADC16DV160_15 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com