Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECHU1C391 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECHU1C391
Description  Stacked Metallized PPS Film Chip Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1C391 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECHU1C391 Datasheet HTML 1Page - Panasonic Semiconductor ECHU1C391 Datasheet HTML 2Page - Panasonic Semiconductor ECHU1C391 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
ECHU01332MX5
ECHU01392MX5
ECHU01472MX5
ECHU01562MX5
ECHU01682MX5
ECHU01822MX5
ECHU01103MX5
ECHU01123MX5
ECHU01153MX5
ECHU01183MX5
ECHU01223MX5
ECHU01273MX5
1.6
1.6
1.6
1.6
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
0.8
0.8
0.8
0.8
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
0.7
0.7
0.7
0.7
0.9
0.9
0.9
0.9
0.9
0.9
1.1
1.1
K1
K1
K1
K1
J1
J1
J1
J1
J1
J1
J2
J2
4000
3000
0.00010
0.00012
0.00015
0.00018
0.00022
0.00027
0.00033
0.00039
0.00047
0.00056
0.00068
0.00082
0.0010
0.0012
0.0015
0,0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
Cap. (µF)
Rated volt. 10 VDC
Part No.
Dimensions (mm)
LW
H
Size
Code
Q'ty
L
Cap. tol. code
IRating, Dimensions & Quantity/Reel
GCapacitance tolerance : ±2 %(G), ±5 %(J)
Please use 16 VDC rating of
ECHU(X)
Please use 16 VDC rating of ECHU(X)
IRecommended for Land Dimensions (mm)
Size
Code
Land dimensions
Reflow soldering
AB
C
K1
0.6
2.0
0.7
J1,J2
0.8
2.4
1.1
H1,H2,H3
1.8
3.6
1.4
G1,G2,G3
1.8
3.6
2.3
E1,E2
3.0
5.6
3.0
D1,D3,D4
4.0
7.0
3.8
❈ It is not warrantable that you can mount the capacitor without trouble under all the mounting condition when
“Recommender for Land dimensions” is adopted.


Similar Part No. - ECHU1C391

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1C391 PANASONIC-ECHU1C391 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C391 PANASONIC-ECHU1C391 Datasheet
395Kb / 10P
   Plastic Film Capacitors
ECHU1C391 PANASONIC-ECHU1C391 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C391 PANASONIC-ECHU1C391 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C391 PANASONIC-ECHU1C391 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1C391

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C222JX5 PANASONIC-ECH-U1C222JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com