Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV33269DTRKG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV33269DTRKG
Description  800 mA, Adjustable Output,Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV33269DTRKG Datasheet(HTML) 5 Page - ON Semiconductor

  NCV33269DTRKG Datasheet HTML 1Page - ON Semiconductor NCV33269DTRKG Datasheet HTML 2Page - ON Semiconductor NCV33269DTRKG Datasheet HTML 3Page - ON Semiconductor NCV33269DTRKG Datasheet HTML 4Page - ON Semiconductor NCV33269DTRKG Datasheet HTML 5Page - ON Semiconductor NCV33269DTRKG Datasheet HTML 6Page - ON Semiconductor NCV33269DTRKG Datasheet HTML 7Page - ON Semiconductor NCV33269DTRKG Datasheet HTML 8Page - ON Semiconductor NCV33269DTRKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC33269, NCV33269
http://onsemi.com
5
40
80
120
160
200
240
280
0.35
0.42
0.50
0.63
0.83
1.25
2.50
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50C
Minimum
Size Pad
L
L
Free Air
Mounted
Vertically
RqJA
2.0 oz. Copper
Figure 8. SOP−8 Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
RqJA
2.0 oz.
Copper
Graph represents symmetrical layout
3.0 mm
L
L
PD(max) for TA = 50C
30
50
70
90
110
130
150
170
L, LENGTH OF COPPER (mm)
020
30
50
40
10
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Figure 9. DPAK Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
L
2.0 oz. Copper
RqJA
Minimum
Size Pad
Free Air
Mounted
Vertically
PD(max) for TA = 50C
L
40
50
60
70
80
90
100
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
0
0.4
0.8
1.2
1.6
2.0
2.4
Figure 10. SOT−223 Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length


Similar Part No. - NCV33269DTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV33269DTRKG ONSEMI-NCV33269DTRKG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
NCV33269DTRKG ONSEMI-NCV33269DTRKG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
NCV33269DTRKG ONSEMI-NCV33269DTRKG Datasheet
151Kb / 12P
   Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
More results

Similar Description - NCV33269DTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269T-50G ONSEMI-MC33269T-50G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DT-5.0G ONSEMI-MC33269DT-5.0G Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
133Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269T-3.3G ONSEMI-MC33269T-3.3G Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269_14 Datasheet
151Kb / 12P
   Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com