Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

124-305-04 Datasheet(PDF) 2 Page - Marl International Limited

Part # 124-305-04
Description  pcb led indicators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

124-305-04 Datasheet(HTML) 2 Page - Marl International Limited

  124-305-04 Datasheet HTML 1Page - Marl International Limited 124-305-04 Datasheet HTML 2Page - Marl International Limited 124-305-04 Datasheet HTML 3Page - Marl International Limited 124-305-04 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
technical data
to order
de-rating information
Dimensions in mm (typical)
Not to scale
housing material
Polycarbonate
This material offers UL94 V-O flame retardancy* and a high impact strength. This material has a melting point of 290-340°c
and is suitable for use in the majority of automatic soldering processes
*Material test thickness of 1.6mm
BS EN ISO 9001:2008
approved manufacturer
124 series
5.1
40.65
2.54
Anode
3.7
10
2.54
0.5 Sq
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph A
10
20
30
40
50
6
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph E
10
20
30
40
50
6
R
G
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 124 - version 2013-09-24-173144
page 2 of 4


Similar Part No. - 124-305-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
124-305-04 MARL-124-305-04 Datasheet
190Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
124-305-04 MARL-124-305-04 Datasheet
195Kb / 4P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
124-305-04 MARL-124-305-04_15 Datasheet
195Kb / 4P
   Reverse polarity options available
More results

Similar Description - 124-305-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
110-505-04 MARL-110-505-04_13 Datasheet
161Kb / 4P
   pcb led indicators
122-305-04 MARL-122-305-04_13 Datasheet
245Kb / 5P
   pcb led indicators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com