Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

122-314-04 Datasheet(PDF) 4 Page - Marl International Limited

Part # 122-314-04
Description  pcb led indicators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

122-314-04 Datasheet(HTML) 4 Page - Marl International Limited

  122-314-04 Datasheet HTML 1Page - Marl International Limited 122-314-04 Datasheet HTML 2Page - Marl International Limited 122-314-04 Datasheet HTML 3Page - Marl International Limited 122-314-04 Datasheet HTML 4Page - Marl International Limited 122-314-04 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
BS EN ISO 9001:2008
approved manufacturer
122 series
Part numbers also available in the 122 series:
Part
Number
Colour
Voltage
Vopr
122-000-01-54
Green/Red
2 mA dc
122-000-01-56
Green/Yellow
2 mA dc
122-000-01-58
Red/Green
2 mA dc
122-000-01-59
Red/Yellow
2 mA dc
122-000-01-60
R-Y/G
2 mA dc
122-000-04-50
Yellow/Green
20 mA dc
122-000-04-52
Red/Green
20 mA dc
122-000-04-54
Green/Red
20 mA dc
122-000-04-56
Green/Yellow
20 mA dc
122-000-04-59
R/R
20 mA dc
122-000-04-62
Green/Red
20 mA dc
122-000-04-63
Yellow/Green
20 mA dc
122-305-01
Red
2 mA dc
122-305-01-50
Red
2 mA dc
122-305-04-05
Red
20 mA dc
122-311-01
Yellow
2 mA dc
122-314-01
Green
2 mA dc
122-314-01-50
Green
2 mA dc
122-314-04-05
Green
20 mA dc
122-314-13
Green
20 mA dc RP
122-316-04
Yellow
20 mA dc
122-317-04
Green
20 mA dc
122-320-04-50
Blue
20 mA dc
122-326-04
Blue
20 mA dc
122-330-04-50
Red/Green
20 mA dc
122-332-04
Green/Yellow
20 mA dc
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 122 - version 2013-09-24-173140
page 4 of 5


Similar Part No. - 122-314-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
122-314-04 MARL-122-314-04 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
122-314-04 MARL-122-314-04 Datasheet
245Kb / 5P
   pcb led indicators
122-314-04 MARL-122-314-04 Datasheet
244Kb / 2P
   PCB MOUNTING LED
122-314-04-05 MARL-122-314-04-05 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
122-314-04-50 MARL-122-314-04-50 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 122-314-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
110-505-04 MARL-110-505-04_13 Datasheet
161Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com