Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDN2993 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # UDN2993
Description  DUAL H-BRIDGE MOTOR DRIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2993 Datasheet(HTML) 6 Page - Allegro MicroSystems

  UDN2993 Datasheet HTML 1Page - Allegro MicroSystems UDN2993 Datasheet HTML 2Page - Allegro MicroSystems UDN2993 Datasheet HTML 3Page - Allegro MicroSystems UDN2993 Datasheet HTML 4Page - Allegro MicroSystems UDN2993 Datasheet HTML 5Page - Allegro MicroSystems UDN2993 Datasheet HTML 6Page - Allegro MicroSystems UDN2993 Datasheet HTML 7Page - Allegro MicroSystems UDN2993 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2993
DUAL H-BRIDGE
MOTOR DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
0
° TO
1
20
2
3
0.51
0.33
0.10 MIN.
Dwg. MA-008-21A mm
1.27
BSC
11
0.32
0.23
1.27
0.40
NOTE 1
NOTE 3
7.60
7.40
10.65
10.00
13.00
12.60
2.65
2.35
Dimensions in Millimeters
UDN2993LB
Dimensions in Inches
(Based on 1 mm = 0.03937”)
0
° TO
1
2
3
0.020
0.013
0.0040 MIN.
0.0125
0.0091
0.050
0.016
Dwg. MA-008-21A in
0.050
BSC
20
11
NOTE 1
NOTE 3
0.2992
0.2914
0.419
0.394
0.5118
0.4961
0.0926
0.1043
NOTES: 1. Webbed lead frame. Leads 5, 6, 15, and 16 are internally one piece.
2. Lead spacing tolerance is non-cumulative.
3. Exact body and lead configuration at vendor’s option within limits shown.


Similar Part No. - UDN2993

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2998 ALLEGRO-UDN2998 Datasheet
165Kb / 6P
   DUAL FULL-BRIDGE MOTOR DRIVER
UDN2998W ALLEGRO-UDN2998W Datasheet
165Kb / 6P
   DUAL FULL-BRIDGE MOTOR DRIVER
More results

Similar Description - UDN2993

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8816PWPR TI1-DRV8816PWPR Datasheet
836Kb / 17P
[Old version datasheet]   DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
DRV8816 TI1-DRV8816 Datasheet
861Kb / 17P
[Old version datasheet]   DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816 TI1-DRV8816_15 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
DRV8816 TI-DRV8816_15 Datasheet
985Kb / 27P
[Old version datasheet]   DRV8816 DMOS Dual 1/2-H-Bridge Motor Drivers
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com