Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBRC15.00MR40Y000 Datasheet(PDF) 1 Page - AVX Corporation

Part # PBRC15.00MR40Y000
Description  MHz Band Ceramic Chip Resonators (SMD) PBRC-H / PBRC-M / PRQC Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

PBRC15.00MR40Y000 Datasheet(HTML) 1 Page - AVX Corporation

  PBRC15.00MR40Y000 Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Document Number: 34204
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 03-Mar-10
1
High Current Inductor, High Temperature Series
IHTH-1125MZ-5A
Vishay Dale
Manufactured under one or more of the following:
US Patents; 6,198,375/6,204,744/6,449,829/6,460,244.
Several foreign patents, and other patents pending.
Notes
(1) All test data is referenced to 25 °C ambient
(2) Operating temperature range - 55 °C to + 155 °C
(3) DC current (A) that will cause an approximate
ΔT of 40 °C
(4) DC current (A) that will cause L0 to drop approximately 20 %
(5) The part temperature (ambient + temp. rise) should not exceed
155 °C under worst case operating conditions. Circuit design,
component placement, PWB trace size and thickness, airflow
and other cooling provisions all affect the part temperature. Part
temperature should be verified in the end application.
FEATURES
• Shielded construction
• Frequency range up to 1.0 MHz
• Handles high transient current spikes without
saturation
• Ultra low buzz noise, due to composite construction
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
• Desktop/server applications
• High current POL converters
• Line filters
• Motor control systems
• DC/DC converters in distributed power systems
• DC/DC converter for Field Programmable Gate Array (FPGA)
STANDARD ELECTRICAL SPECIFICATIONS
L0
INDUCTANCE
± 20 % AT 100 kHz,
0.25 V, 0 A
(μH)
DCR
TYP.
25 °C
(m
Ω)
DCR
MAX.
25 °C
(m
Ω)
HEAT
RATING
CURRENT
DC TYP.
(A) (3)
SATURATION
CURRENT
DC TYP.
(A) (4)
0.47
0.27
0.30
105
77
1.0
0.41
0.45
92.5
65
2.2
0.74
0.81
72.0
58
4.7
2.09
2.20
37.5
55
8.2
2.85
3.00
36.0
35
10
3.46
3.64
31.5
30
22
6.50
6.83
22.0
28
33
10.4
10.9
18.3
21
47
14.5
15.3
15.2
19
68
26.0
27.4
11.4
11.4
82
27.1
28.5
9.5
9.5
100
29.4
30.9
9.4
9.25
DIMENSIONS in inches [millimeters]
VALUE
A ± 0.010"
B ± 0.010"
C ± 0.010"
D ± 0.005"
0.47 μH 0.578 [14.681] 0.407 [10.398] 0.300 [7.620] 0.102 [2.591]
1.0 μH 0.578 [14.681] 0.407 [10.398] 0.300 [7.620] 0.102 [2.591]
2.2 μH 0.578 [14.681] 0.407 [10.398] 0.300 [7.620] 0.102 [2.591]
4.7 μH 0.838 [21.285] 0.263 [6.680] 0.169 [4.293] 0.082 [2.083]
8.2 μH 0.701 [17.805] 0.393 [9.982] 0.163 [4.140] 0.072 [1.829]
10 μH 0.701 [17.805] 0.393 [9.982] 0.163 [4.140] 0.072 [1.829]
22 μH 0.695 [17.653] 0.379 [9.627] 0.170 [4.318] 0.065 [1.651]
33 μH 0.760 [19.304] 0.335 [8.509] 0.150 [3.810] 0.057 [1.448]
47 μH 0.760 [19.304] 0.335 [8.509] 0.150 [3.810] 0.057 [1.448]
68 μH 0.656 [16.662] 0.402 [10.211] 0.163 [4.140] 0.045 [1.143]
82 μH 0.656 [16.662] 0.402 [10.211] 0.163 [4.140] 0.045 [1.143]
100 μH 0.656 [16.662] 0.402 [10.211] 0.163 [4.140] 0.045 [1.143]
0.500
[12.70]
0.165
[4.191]
Ø D
0.030
[0.762]
1.179
[29.947]
0.031 ± 0.002 R. x
0.030 ± 0.002 DP.
[0.787 ± 0.051 R. x
0.762 ± 0.051 DP.]
2.2 uH
1001
MEXICO
B
A
C
DESCRIPTION
IHTH-1125MZ-5A
4.7 μH
± 20 %
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
GLOBAL PART NUMBER
I
H
T
H
1
125
M
Z
E
B
4
R
7
M
5
A
MODEL
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
INDUCT.
TOL.
SERIES


Similar Part No. - PBRC15.00MR40Y000

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PBRC15.00MR40Y0AB KSS-PBRC15.00MR40Y0AB Datasheet
110Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
More results

Similar Description - PBRC15.00MR40Y000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
PBRC-358AR AVX-PBRC-358AR Datasheet
155Kb / 2P
   PBRC -A Series Chip Resonators MHz Band SMT Resonators
PBRC12.00HR70X000 AVX-PBRC12.00HR70X000 Datasheet
207Kb / 5P
   MHz Band Ceramic Chip Resonators (SMD) PBRV-H/ PBRV-M/ PRQV Series
logo
Kyocera Kinseki Corpota...
PBRC-G KSS-PBRC-G Datasheet
110Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
logo
KEC(Korea Electronics)
PBRV-H KEC-PBRV-H Datasheet
107Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
logo
Kyocera Kinseki Corpota...
PBRV419MR50Y000 KSS-PBRV419MR50Y000 Datasheet
110Kb / 5P
   MHz Band Ceramic Chip Resonators (SMD) PBRV/ PRQV Frequency Tight Tolerance Series
logo
AVX Corporation
PBRC-A AVX-PBRC-A Datasheet
130Kb / 2P
   MHz Band SMT Resonators
logo
Abracon Corporation
ASCR ABRACON-ASCR Datasheet
376Kb / 2P
   HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
07.05.07
logo
PETERMANN-TECHNIK
ZTACC-MG PETERMANN-ZTACC-MG Datasheet
1Mb / 5P
   SMD CERAMIC RESONATORS
logo
Shenzhen Luguang Electr...
ZTTCE11.06MG LUGUANG-ZTTCE11.06MG Datasheet
1Mb / 9P
   SMD Ceramic Resonators
ZTTCE14.56MG LUGUANG-ZTTCE14.56MG Datasheet
478Kb / 9P
   SMD Ceramic Resonators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com