Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1208YRZ1 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG1208YRZ1
Description  Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1208YRZ1 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG1208YRZ1 Datasheet HTML 6Page - Analog Devices ADG1208YRZ1 Datasheet HTML 7Page - Analog Devices ADG1208YRZ1 Datasheet HTML 8Page - Analog Devices ADG1208YRZ1 Datasheet HTML 9Page - Analog Devices ADG1208YRZ1 Datasheet HTML 10Page - Analog Devices ADG1208YRZ1 Datasheet HTML 11Page - Analog Devices ADG1208YRZ1 Datasheet HTML 12Page - Analog Devices ADG1208YRZ1 Datasheet HTML 13Page - Analog Devices ADG1208YRZ1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 10 of 20
8
TYPICAL PERFORMANCE CHARACTERISTICS
SOURCE OR DRAIN VOLTAGE (V)
200
100
0
–18 –15 –12 –9
–6
–3
12
15
9
06
31
180
160
140
120
80
60
40
20
TA = 25°C
VDD = +15V
VSS =–15V
VDD = +16.5V
VSS = –16.5V
VDD = +13.5V
VSS = –13.5V
Figure 7. On Resistance as a Function of VD (VS) for Dual Supply
SOURCE OR DRAIN VOLTAGE (V)
600
300
0
–6
–4
–2
4
02
6
500
400
200
100
TA = 25°C
VDD =+5V
VSS =–5V
VDD =+5.5V
VSS = –5.5V
VDD = +4.5V
VSS =–4.5V
Figure 8. On Resistance as a Function of VD (VS) for Dual Supply
SOURCE OR DRAIN VOLTAGE (V)
450
250
300
0
02
4
6
12
810
14
400
350
150
200
100
50
TA = 25°C
VDD =12V
VSS =0V
VDD =13.2V
VSS =0V
VDD =10.8V
VSS =0V
Figure 9. On Resistance as a Function of VD (VS) for Single Supply
SOURCE OR DRAIN VOLTAGE (V)
250
0
–15
–10
–5
10
05
15
150
200
100
50
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
VDD = +15V
VSS = –15V
Figure 10. On Resistance as a Function of VD (VS) for Different Temperatures,
Dual Supply
SOURCE OR DRAIN VOLTAGE (V)
600
0
02
4
10
68
12
300
400
200
500
100
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
VDD = 12V
VSS = 0V
Figure 11. On Resistance as a Function of VD (VS) for Different Temperatures,
Single Supply
400
–400
0
10
2030
4050607080
90 100 110 120
TEMPERATURE (°C)
300
200
100
0
–100
–200
–300
IS (OFF) + –
ID (OFF) + –
ID, S (ON) + +
IS (OFF) – +
ID, S (ON) – –
ID (OFF) – +
VDD = +15V
VSS = –15V
VBIAS = +10V/–10V
Figure 12. ADG1208 Leakage Currents as a Function of Temperature, Dual Supply


Similar Part No. - ADG1208YRZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1208YRZ1 AD-ADG1208YRZ1 Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
More results

Similar Description - ADG1208YRZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com