Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1515BZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1515BZ
Description  Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1515BZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-1515BZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1515BZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1515BZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1515BZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1515BZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1515BZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1515BZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-1515BZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-1515BZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Reference
Storage & Operating Temperatures
TS, O
–40
+85
°C
Lead Soldering Cycle
Temp.
260
°C
Note 1
Time
10
sec
Supply Voltage
VCC
–0.5
7
V
Note 2
Output Collector Current
IOAV
25
mA
Output Collector Power Dissipation
POD
40
mW
Output Voltage
VO
–0.5
18
V
Pull-up Voltage
VP
–5
VCC
V
Fan Out (TTL)
N
5
Notes:
1. 1.6 mm below seating plane.
2. It is essential that a bypass capacitor 0.1
µF be connected from pin 6 to pin 7 of the receiver. Total lead length between both ends of the
capacitor and the pins should not exceed 20 mm.
3. Pins 1 and 4 are electrically connected to the conductive housing and are also used for mounting and retaining purposes. It is required that
pin 1 and 4 be connected to ground to maintain conductive housing shield effectiveness.
HFBR-2505CZ Receiver
The HFBR-2505CZ receiver includes a monolithic DC coupled, digital IC
receiver with open collector Schottky output transistor. An internal pullup
resistor to VCC is available at pin 5. The receiver housing is a dark gray
conductive plastic and the optical port is compatible with SMA connectors.
The speci-fied signal rate of HFBR-2505CZ is 2 MBd.
5
6
7
8
4
1
BOTTOM VIEW,
HFBR 2505CZ
SEE NOTE 3
PIN
FUNCTION
1
4
5
6
7
8
CONNECTED TO PIN 4
CONNECTED TO PIN 1
RL
VCC
GND
VO


Similar Part No. - HFBR-1515BZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1515BZ AVAGO-HFBR-1515BZ Datasheet
96Kb / 4P
   Change to improved mold compound
More results

Similar Description - HFBR-1515BZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-1505A HP-HFBR-1505A Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
Broadcom Corporation.
HFBR-0600Z BOARDCOM-HFBR-0600Z Datasheet
764Kb / 9P
   SERCOS Fiber Optic Transmitters and Receivers
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0600Z AVAGO-HFBR-0600Z Datasheet
371Kb / 6P
   SERCOS Fiber Optic Transmitters and Receivers
logo
Agilent(Hewlett-Packard...
HFBR-2506AM HP-HFBR-2506AM Datasheet
188Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2506AMZ AVAGO-HFBR-2506AMZ Datasheet
235Kb / 6P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-1506AM AVAGO-HFBR-1506AM Datasheet
170Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-0541 AVAGO-HFBR-0541 Datasheet
176Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-1505A AVAGO-HFBR-1505A Datasheet
242Kb / 11P
   Fiber Optic Transmitters and Receivers for Fieldbus Applications
logo
Agilent(Hewlett-Packard...
HFBR-0600 HP-HFBR-0600 Datasheet
247Kb / 6P
   SERCOS Fiber Optic Transmitters and Receiver
logo
Broadcom Corporation.
AFBR-1555ARZ BOARDCOM-AFBR-1555ARZ Datasheet
549Kb / 9P
   Reinforced Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com