Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-2505AZ Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2505AZ
Description  Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2505AZ Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-2505AZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505AZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505AZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505AZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505AZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505AZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505AZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505AZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505AZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
8
7
6
5
1
4
HFBR-1505CZ
5
6
7
8
4
1
HFBR-2505CZ
C4
0.1 µF
+5 V VCC
0 V
TTL OUTPUT
8
2
1
3
4
+5 V VCC
0 V
TTL INPUT
R1
C1
10 µF
C2
0.1 µF
U1
DS75451
TTL COMPATIBLE TRANSMITTER
TTL COMPATIBLE RECEIVER
R1
IF
82.5
35 mA
47
60 mA
+
R1 = (VCC – VF) / IF
IF
VF
Receiver Electrical/Optical Characteristics
0
°C to 70°C, 4.75 V ≤ V
CC ≤ 5.25 V unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Ref.
Input Optical Power Level
PR(L)
–21.6
–2.0
dBm
VOL = 0.5 V
Notes 1, 2
for Logic “0”
IOL = 8 mA
1 mm POF
–23.0
VOL = 0.5 V
IOL = 8 mA
200
µm HCS
Input Optical Power Level
PR(H)
–43
dBm
VOL = 5.25 V
Note 1
for Logic “1”
IOH ≤250 µA
High Level Output Current
IOH
5
250
µAV
O = 18 V, PR = 0
Note 3
Low Level Output Current
VOL
0.4
0.5
V
IOL = 8 mA,
Note 3
PR = PR(L)MIN
High Level Supply Current
ICCH
3.5
6.3
mA
VCC = 5.25 V,
Note 3
PR = 0
Low Level Supply Current
ICCL
6.2
10
mA
VCC = 5.25 V
Note 3
PR = -12.5 dBm
Effective Diameter
D
1
mm
Numerical Aperture
NA
0.5
Internal Pull-up Resistor
RL
680
1000
1700
Notes:
1. Optical flux, P (dBm) = 10 Log [P (
µW)/1000 µW].
2. Measured at the end of the fiber optic cable with large area detector.
3. RL is open.
Figure 11. Typical interface circuit


Similar Part No. - HFBR-2505AZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-2505A HP-HFBR-2505A Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2505A AVAGO-HFBR-2505A Datasheet
242Kb / 11P
   Fiber Optic Transmitters and Receivers for Fieldbus Applications
More results

Similar Description - HFBR-2505AZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-1505A HP-HFBR-1505A Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
Broadcom Corporation.
HFBR-0600Z BOARDCOM-HFBR-0600Z Datasheet
764Kb / 9P
   SERCOS Fiber Optic Transmitters and Receivers
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0600Z AVAGO-HFBR-0600Z Datasheet
371Kb / 6P
   SERCOS Fiber Optic Transmitters and Receivers
logo
Agilent(Hewlett-Packard...
HFBR-2506AM HP-HFBR-2506AM Datasheet
188Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2506AMZ AVAGO-HFBR-2506AMZ Datasheet
235Kb / 6P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-1506AM AVAGO-HFBR-1506AM Datasheet
170Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-0541 AVAGO-HFBR-0541 Datasheet
176Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-1505A AVAGO-HFBR-1505A Datasheet
242Kb / 11P
   Fiber Optic Transmitters and Receivers for Fieldbus Applications
logo
Agilent(Hewlett-Packard...
HFBR-0600 HP-HFBR-0600 Datasheet
247Kb / 6P
   SERCOS Fiber Optic Transmitters and Receiver
logo
Broadcom Corporation.
AFBR-1555ARZ BOARDCOM-AFBR-1555ARZ Datasheet
549Kb / 9P
   Reinforced Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com