Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDN2961W Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # UDN2961W
Description  HIGH-CURRENT HALF-BRIDGE PRINTHEAD/MOTOR DRIVER.WITH INTERNAL CURRENT SENSING AND CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2961W Datasheet(HTML) 4 Page - Allegro MicroSystems

  UDN2961W Datasheet HTML 1Page - Allegro MicroSystems UDN2961W Datasheet HTML 2Page - Allegro MicroSystems UDN2961W Datasheet HTML 3Page - Allegro MicroSystems UDN2961W Datasheet HTML 4Page - Allegro MicroSystems UDN2961W Datasheet HTML 5Page - Allegro MicroSystems UDN2961W Datasheet HTML 6Page - Allegro MicroSystems UDN2961W Datasheet HTML 7Page - Allegro MicroSystems UDN2961W Datasheet HTML 8Page - Allegro MicroSystems UDN2961W Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2961
HIGH-CURRENT
HALF-BRIDGE
PRINTHEAD/MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
BB
V
V
SENSE
+
-
REF
CIRCUIT
BB
V
Dwg. EP-037
DRIVE CURRENT
RECIRCULATION (SLOW-DECAY MODE)
RECIRCULATION (FAST-DECAY MODE)
APPLICATIONS INFORMATION
The UDN2961B/W is a high current
half-bridge designed to drive a number of
inductive loads such as printer solenoids,
stepper motors, and dc motors. Load current
is sensed internally and is controlled by
pulse-width modulating (PWM) the output
driver(s) in a fixed off-time, variable-
frequency format. The peak current level is
set by the user’s selection of a reference
voltage. A slow current-decay mode
(chopping only the source driver) or a fast
current-decay mode (chopping both the
source and sink drivers) can be selected via
the MODE pin.
PWM CURRENT CONTROL
A logic low on the MODE pin sets the
current-control circuitry into the slow-decay
mode. The RS flip-flop is set initially, and
both the source driver and the sink driver are
turned ON when the INPUT pin is at a logic
low. As current in the load increases, it is
sensed by the internal sense resistor until the
sense voltage equals the trip voltage of the
comparator. At this time, the flip-flop is reset
and the source driver is turned OFF. Over the
range of VREF = 0.8 V to 3.4 V, the output
current trip point transfer function is a direct
linear function of the reference voltage:
ITRIP = VREF
To ensure an accurate chop current level
(
±10%), an external 2940 Ω ±1% resistor
(RCV) is used. The actual load current peak
will be slightly higher than the trip point
(especially for low-inductance loads) because
of the internal logic and switching delays
(typically 1.5
µs). After the source driver turns
OFF, the load current decays, circulating
through an external ground clamp diode, the
load, and the sink transistor. The source
driver’s OFF time (and therefore the magni-
tude of the current decrease) is determined
by the one-shot’s external RC timing compo-
nents:
tOFF = RC
within the range of 20 k
Ω to 100 kΩ and 100 pF to 1000 pF. When the
one-shot times out, the flip-flop is set again, the source driver is re-
enabled, and the load current again is allowed to rise to the set peak
value and trip the comparator. This cycle repeats itself, maintaining the
average load current at the desired level.
ENABLE
INPUT
MODE
LOAD
CURRENT
RC
RC/2
I
TRIP
Dwg. WP-015


Similar Part No. - UDN2961W

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2962 ALLEGRO-UDN2962 Datasheet
141Kb / 8P
   DUAL SOLENOID/MOTOR DRIVER .PULSE-WIDTH MODULATED CURRENT CONTROL
UDN2962W ALLEGRO-UDN2962W Datasheet
141Kb / 8P
   DUAL SOLENOID/MOTOR DRIVER .PULSE-WIDTH MODULATED CURRENT CONTROL
More results

Similar Description - UDN2961W

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2943 ALLEGRO-2943 Datasheet
97Kb / 6P
   HIGH-CURRENT HALF-BRIDGE MOTOR DRIVER
logo
Infineon Technologies A...
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8960 INFINEON-BTN8960 Datasheet
6Mb / 94P
   High Current PN Half Bridge
Rev. 0.6 2017-02-21
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
logo
Allegro MicroSystems
2955-2 ALLEGRO-2955-2 Datasheet
260Kb / 3P
   HIGH-CURRENT HALF-BRIDGE POWER DRIVER
logo
Infineon Technologies A...
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
logo
Monolithic Power System...
MP8040 MPS-MP8040 Datasheet
249Kb / 8P
   High Current Integrated Half Bridge Driver
logo
Infineon Technologies A...
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com