Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9681-125EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9681-125EBZ
Description  Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681-125EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9681-125EBZ Datasheet HTML 1Page - Analog Devices AD9681-125EBZ Datasheet HTML 2Page - Analog Devices AD9681-125EBZ Datasheet HTML 3Page - Analog Devices AD9681-125EBZ Datasheet HTML 4Page - Analog Devices AD9681-125EBZ Datasheet HTML 5Page - Analog Devices AD9681-125EBZ Datasheet HTML 6Page - Analog Devices AD9681-125EBZ Datasheet HTML 7Page - Analog Devices AD9681-125EBZ Datasheet HTML 8Page - Analog Devices AD9681-125EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
AD9681
Rev. A | Page 5 of 40
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 2.
Parameter1
Temp
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 9.7 MHz
25°C
74.8
dBFS
fIN = 19.7 MHz
25°C
74.7
dBFS
fIN = 69.5 MHz
Full
72.6
73.9
dBFS
fIN = 139.5 MHz
25°C
71.5
dBFS
fIN = 201 MHz
25°C
69.6
dBFS
fIN = 301 MHz
25°C
66.6
dBFS
SIGNAL-TO-NOISE AND DISTORTION RATIO (SINAD)
fIN = 9.7 MHz
25°C
74.7
dBFS
fIN = 19.7 MHz
25°C
74.7
dBFS
fIN = 69.5 MHz
Full
72.3
73.8
dBFS
fIN = 139.5 MHz
25°C
71.4
dBFS
fIN = 201 MHz
25°C
69.3
dBFS
fIN = 301 MHz
25°C
65.8
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
12.1
Bits
fIN = 19.7 MHz
25°C
12.1
Bits
fIN = 69.5 MHz
Full
11.7
12.0
Bits
fIN = 139.5 MHz
25°C
11.6
Bits
fIN = 201 MHz
25°C
11.2
Bits
fIN = 301 MHz
25°C
10.6
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
94
dBc
fIN = 19.7 MHz
25°C
94
dBc
fIN = 69.5 MHz
Full
81
90
dBc
fIN = 139.5 MHz
25°C
87
dBc
fIN = 201 MHz
25°C
83
dBc
fIN = 301 MHz
25°C
73
dBc
WORST HARMONIC (SECOND OR THIRD)
fIN = 9.7 MHz
25°C
−94
dBc
fIN = 19.7 MHz
25°C
−94
dBc
fIN = 69.5 MHz
Full
−90
−81
dBc
fIN = 139.5 MHz
25°C
−87
dBc
fIN = 201 MHz
25°C
−83
dBc
fIN = 301 MHz
25°C
−73
dBc
WORST OTHER (EXCLUDING SECOND OR THIRD)
fIN = 9.7 MHz
25°C
−98
dBc
fIN = 19.7 MHz
25°C
−94
dBc
fIN = 69.5 MHz
Full
−96
−84
dBc
fIN = 139.5 MHz
25°C
−90
dBc
fIN = 201 MHz
25°C
−85
dBc
fIN = 301 MHz
25°C
−75
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)—AIN1 AND AIN2 = −7.0 dBFS
fIN1 = 70 MHz, fIN2 = 72.5 MHz
25°C
94
dBc
CROSSTALK, WORST ADJACENT CHANNEL2
25°C
−83
dB
Crosstalk, Worst Adjacent Channel Overrange Condition3
25°C
−79
dB
ANALOG INPUT BANDWIDTH, FULL POWER
25°C
650
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2 Crosstalk is measured at 70 MHz, with −1.0 dBFS analog input on one channel and no input on the adjacent channel.
3 Overrange condition is defined as 3 dB above input full scale.


Similar Part No. - AD9681-125EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9681-125EBZ AD-AD9681-125EBZ Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9681-125EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9655 AD-AD9655 Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
AD9655 AD-AD9655_17 Datasheet
1Mb / 38P
   Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635 Datasheet
950Kb / 36P
   Dual, 12-Bit, 80 MSPS/125 MSPS, Serial LVDS 1.8 V Analog-to-Digital Converter
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
   14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com