Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9681 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9681
Description  Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9681 Datasheet HTML 6Page - Analog Devices AD9681 Datasheet HTML 7Page - Analog Devices AD9681 Datasheet HTML 8Page - Analog Devices AD9681 Datasheet HTML 9Page - Analog Devices AD9681 Datasheet HTML 10Page - Analog Devices AD9681 Datasheet HTML 11Page - Analog Devices AD9681 Datasheet HTML 12Page - Analog Devices AD9681 Datasheet HTML 13Page - Analog Devices AD9681 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD9681
Data Sheet
Rev. A | Page 10 of 40
D0–A1
D0+A1
D1–A1
D1+A1
FCO–1, FCO–2
BYTEWISE
MODE
FCO+1, FCO+2
D0–A1
D0+A1
D1–A1
D1+A1
FCO–1, FCO–2
DCO–1, DCO–2
DCO+1, DCO+2
DCO+1, DCO+2
CLK+
CLK–
DCO–1, DCO–2
FCO+1, FCO+2
BITWISE
MODE
SDR
DDR
D10
N – 16
D08
N – 16
D06
N – 16
D04
N – 16
D02
N – 16
LSB
N – 16
D10
N – 17
D08
N – 17
D06
N – 17
D04
N – 17
D02
N – 17
LSB
N – 17
MSB
N – 16
D09
N – 16
D07
N – 16
D05
N – 16
D03
N – 16
D01
N – 16
MSB
N – 17
D09
N – 17
D07
N – 17
D05
N – 17
D03
N – 17
D01
N – 17
D05
N – 16
D04
N – 16
D03
N – 16
D02
N – 16
D01
N – 16
LSB
N – 16
D05
N – 17
D04
N – 17
D03
N – 17
D02
N – 17
D01
N – 17
LSB
N – 17
MSB
N – 16
D10
N – 16
D09
N – 16
D08
N – 16
D07
N – 16
D06
N – 16
MSB
N – 17
D10
N – 17
D09
N – 17
D08
N – 17
D07
N – 17
D06
N – 17
tEH
tCPD
tFRAME
tFCO
tPD
tDATA
tLD
tEL
VIN±x1, VIN±x2
tA
N – 1
N
N + 1
Figure 6. 12-Bit DDR/SDR, Two-Lane, 2× Frame Mode
D0–x
D0+x
FCO–1, FCO–2
DCO+1, DCO+2
CLK+
VIN±x1, VIN±x2
CLK–
DCO–1, DCO–2
FCO+1, FCO+2
D12
N – 17
MSB
N – 17
D11
N – 17
D10
N – 17
D9
N – 17
D8
N – 17
D7
N – 17
D6
N – 17
D5
N – 17
D4
N – 17
D3
N – 17
D2
N – 17
D1
N – 17
LSB
N – 17
0
N – 17
0
N – 17
MSB
N – 16
D14
N – 16
D13
N – 16
tA
tDATA
tEH
tFCO
tFRAME
tPD
tCPD
tEL
N – 1
N
Figure 7. Wordwise DDR, One-Lane, 1× Frame, 16-Bit Output Mode


Similar Part No. - AD9681

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9681 AD-AD9681 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9681-125EBZ AD-AD9681-125EBZ Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9681BBCZ-125 AD-AD9681BBCZ-125 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9681BBCZRL7-125 AD-AD9681BBCZRL7-125 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9681 AD-AD9681_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9681

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9655 AD-AD9655 Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
AD9655 AD-AD9655_17 Datasheet
1Mb / 38P
   Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635 Datasheet
950Kb / 36P
   Dual, 12-Bit, 80 MSPS/125 MSPS, Serial LVDS 1.8 V Analog-to-Digital Converter
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
   14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com