Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVXC3245DTRG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74LVXC3245DTRG
Description  Configurable Dual Supply Octal Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXC3245DTRG Datasheet(HTML) 7 Page - ON Semiconductor

  MC74LVXC3245DTRG Datasheet HTML 1Page - ON Semiconductor MC74LVXC3245DTRG Datasheet HTML 2Page - ON Semiconductor MC74LVXC3245DTRG Datasheet HTML 3Page - ON Semiconductor MC74LVXC3245DTRG Datasheet HTML 4Page - ON Semiconductor MC74LVXC3245DTRG Datasheet HTML 5Page - ON Semiconductor MC74LVXC3245DTRG Datasheet HTML 6Page - ON Semiconductor MC74LVXC3245DTRG Datasheet HTML 7Page - ON Semiconductor MC74LVXC3245DTRG Datasheet HTML 8Page - ON Semiconductor MC74LVXC3245DTRG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC74LVXC3245
http://onsemi.com
7
WAVEFORM 1 - PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VCC
0 V
VOH
VOL
An, Bn
Bn, An
tPHL
tPLH
WAVEFORM 2 - OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VCC
0 V
≈ 0 V
OE, T/R
An, Bn
tPZH
≈ VCC
tPHZ
tPZL
tPLZ
An, Bn
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
Figure 4. AC Waveforms
50% VCC
VCC
VOH - 0.3 V
VOL + 0.3 V
GND
50% VCC
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
2xVCC
TEST
SWITCH
tPLH, tPHL, tPZH, tPHZ
Open
tPZL, tPLZ
2xVCC
CL = 50 pF or equivalent (Includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 5. Test Circuit


Similar Part No. - MC74LVXC3245DTRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXC3245DTR2 ONSEMI-MC74LVXC3245DTR2 Datasheet
88Kb / 10P
   Configurable Dual Supply Octal Transceiver
March, 2005 ??Rev. 4
MC74LVXC3245DTR2G ONSEMI-MC74LVXC3245DTR2G Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTR2G ONSEMI-MC74LVXC3245DTR2G Datasheet
102Kb / 9P
   Configurable Dual Supply Octal Transceiver
September, 2014 ??Rev. 7
More results

Similar Description - MC74LVXC3245DTRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245 ONSEMI-MC74LVXC3245 Datasheet
88Kb / 10P
   Configurable Dual Supply Octal Transceiver
March, 2005 ??Rev. 4
MC74LVXC3245DTG ONSEMI-MC74LVXC3245DTG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245 ONSEMI-MC74LVXC3245_14 Datasheet
102Kb / 9P
   Configurable Dual Supply Octal Transceiver
September, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS_07 Datasheet
200Kb / 10P
   Dual Supply Octal Configurable Voltage Interface Bus Transceiver
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
ON Semiconductor
MC74LVX4245 ONSEMI-MC74LVX4245_11 Datasheet
138Kb / 10P
   Dual Supply Octal Translating Transceiver
May, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com