Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTB75N03L09T4 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTB75N03L09T4
Description  Power MOSFET 75 Amps, 30 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB75N03L09T4 Datasheet(HTML) 1 Page - ON Semiconductor

  NTB75N03L09T4 Datasheet HTML 1Page - ON Semiconductor NTB75N03L09T4 Datasheet HTML 2Page - ON Semiconductor NTB75N03L09T4 Datasheet HTML 3Page - ON Semiconductor NTB75N03L09T4 Datasheet HTML 4Page - ON Semiconductor NTB75N03L09T4 Datasheet HTML 5Page - ON Semiconductor NTB75N03L09T4 Datasheet HTML 6Page - ON Semiconductor NTB75N03L09T4 Datasheet HTML 7Page - ON Semiconductor NTB75N03L09T4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
August, 2013 − Rev. 13
1
Publication Order Number:
NTD2955/D
NTD2955, NVD2955
Power MOSFET
−60 V, −12 A, P−Channel DPAK
This Power MOSFET is designed to withstand high energy in the
avalanche and commutation modes. Designed for low−voltage, high−
speed switching applications in power supplies, converters, and power
motor controls. These devices are particularly well suited for bridge
circuits where diode speed and commutating safe operating areas are
critical and offer an additional safety margin against unexpected
voltage transients.
Features
Avalanche Energy Specified
IDSS and VDS(on) Specified at Elevated Temperature
Designed for Low−Voltage, High−Speed Switching Applications and
to Withstand High Energy in the Avalanche and Commutation Modes
NVD Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−60
Vdc
Gate−to−Source Voltage
− Continuous
− Non−repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 25
Vdc
Vpk
Drain Current
Drain Current − Continuous @ Ta = 25°C
Drain Current − Single Pulse (tp ≤ 10 ms)
ID
IDM
−12
−18
Adc
Apk
Total Power Dissipation @ Ta = 25°C
PD
55
W
Operating and Storage Temperature
Range
TJ, Tstg
−55 to
175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, Peak
IL = 12 Apk, L = 3.0 mH, RG = 25 W)
EAS
216
mJ
Thermal Resistance
− Junction−to−Case
− Junction−to−Ambient (Note 1)
− Junction−to−Ambient (Note 2)
RqJC
RqJA
RqJA
2.73
71.4
100
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8 in. from case for
10 seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. When surface mounted to an FR4 board using 1 in pad size
(Cu area = 1.127 in2).
2. When surface mounted to an FR4 board using the minimum recommended
pad size (Cu area = 0.412 in2).
D
S
G
P−Channel
http://onsemi.com
−60 V
155 mW @ −10 V, 6 A
RDS(on) TYP
−12 A
ID MAX
V(BR)DSS
Y
= Year
WW = Work Week
G
= Pb−Free Package
1
Gate
3
Source
2
Drain
4
Drain
DPAK
CASE 369C
STYLE 2
MARKING DIAGRAMS
1 2
3
4
DPAK−3
CASE 369D
STYLE 2
1
2
3
4
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
1
Gate
3
Source
2
Drain
4
Drain
1
Gate
3
Source
2
Drain
4
Drain


Similar Part No. - NTB75N03L09T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB75N03L09T4 ONSEMI-NTB75N03L09T4 Datasheet
64Kb / 8P
   Power MOSFET
August, 2004 ??Rev. 6
More results

Similar Description - NTB75N03L09T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTB75N03-006 ONSEMI-NTB75N03-006 Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
MTP75N05HD ONSEMI-MTP75N05HD Datasheet
89Kb / 8P
   Power MOSFET 75 Amps, 50 Volts
November, 2000 ??Rev. 4
NTB4302 ONSEMI-NTB4302 Datasheet
71Kb / 8P
   Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
NTD30N02G ONSEMI-NTD30N02G Datasheet
134Kb / 5P
   Power MOSFET 30 Amps, 24 Volts
February, 2006 ??Rev. 3
NTMS3P03R2 ONSEMI-NTMS3P03R2_06 Datasheet
148Kb / 7P
   Power MOSFET -3.05 Amps, -30 Volts
March, 2006 ??Rev. 2
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
MMDF6N03HDR2 ONSEMI-MMDF6N03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 6 Amps, 30 Volts
August, 2006 ??Rev. 4
NTMS7N03R2 ONSEMI-NTMS7N03R2_05 Datasheet
98Kb / 10P
   Power MOSFET 7 Amps, 30 Volts
June, 2005 ??Rev. 4
NTMS7N03R2 ONSEMI-NTMS7N03R2 Datasheet
97Kb / 12P
   Power MOSFET 7 Amps, 30 Volts
November, 2002 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com