Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDQ2936W-120 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # UDQ2936W-120
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDQ2936W-120 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button UDQ2936W-120 Datasheet HTML 2Page - Allegro MicroSystems UDQ2936W-120 Datasheet HTML 3Page - Allegro MicroSystems UDQ2936W-120 Datasheet HTML 4Page - Allegro MicroSystems UDQ2936W-120 Datasheet HTML 5Page - Allegro MicroSystems UDQ2936W-120 Datasheet HTML 6Page - Allegro MicroSystems UDQ2936W-120 Datasheet HTML 7Page - Allegro MicroSystems UDQ2936W-120 Datasheet HTML 8Page - Allegro MicroSystems UDQ2936W-120 Datasheet HTML 9Page - Allegro MicroSystems UDQ2936W-120 Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2936-120
3-PHASE BRUSHLESS
DC MOTOR
CONTROLLER/DRIVER
www.allegromicro.com
Dimensions in Millimeters
(for reference only)
NOTES: 1. Lead thickness is measured at seating plane or below.
2. Lead spacing tolerance is non-cumulative
3. Exact body and lead configuration at vendor’s option
within limits shown.
4. Lead gauge plane is 0.762 mm below seating plane.
5. Supplied in standard sticks/tubes of 15 devices.
Dwg. MP-007 mm
32.00
31.49
19.69
19.45
0.51
3.94
3.68
ø
4.57
MAX
1.40
1.14
3.43
2.54
7.36 MIN
2.03
1.77
9.27
2.54
±0.254
0.76
0.51
1.65
0.89
1
0.59
0.45
3.56
14.48
13.71
6.22
5.71
12
INDEX
AREA
The products described here are manufactured
under one or more U.S. patents or U.S. patents
pending.
Allegro MicroSystems, Inc. reserves the right to
make, from time to time, such departures from the detail
specifications as may be required to permit improve-
ments in the performance, reliability, or
manufacturability of its products. Before placing an
order, the user is cautioned to verify that the informa-
tion being relied upon is current.
Allegro products are not authorized for use as
critical components in life-support devices or systems
without express written approval.
The information included herein is believed to be
accurate and reliable. However, Allegro
MicroSystems, Inc. assumes no responsibility for its
use; nor for any infringement of patents or other rights
of third parties which may result from its use.


Similar Part No. - UDQ2936W-120

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDQ2916B ALLEGRO-UDQ2916B Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
UDQ2916B-T ALLEGRO-UDQ2916B-T Datasheet
1Mb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
UDQ2916EB ALLEGRO-UDQ2916EB Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
UDQ2916LB ALLEGRO-UDQ2916LB Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
UDQ2916LB-T ALLEGRO-UDQ2916LB-T Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results

Similar Description - UDQ2936W-120

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
   3-Phase Brushless DC Motor Controller
Rev. D, 05-Apr-99
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
   3-Phase Brushless DC Motor Controller
01-Jan-2022
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
   3-Phase Brushless DC Motor Controller
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_04 Datasheet
122Kb / 9P
   3-Phase Brushless DC Motor Controller
Rev. E, 21-Jun-04
logo
PADAUK Technology.
MF520 PADAUK-MF520 Datasheet
619Kb / 12P
   3-Phase Brushless DC Motor Controller
MF616 PADAUK-MF616 Datasheet
511Kb / 11P
   3-Phase Brushless DC Motor Controller
DF329 PADAUK-DF329 Datasheet
744Kb / 17P
   3-Phase Brushless DC Motor Controller
DF319 PADAUK-DF319 Datasheet
307Kb / 12P
   3-Phase Brushless DC Motor Controller
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
   3-phase Brushless DC Motor Driver
March, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com