Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-141-8 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # 4-141-8
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-141-8 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 4-141-8 Datasheet HTML 25Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 26Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 27Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 28Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 29Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 30Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 31Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 32Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
29
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 150 S non-permanent
OHP marker with metal framed bullet tip,
non-permanent, water-based ink.
Non-permanent ink: smudge-proof, can be
erased without problem using a damp cloth.
Colours: 001–004, 006, 007.
Order no.
Box of 10 in each colour.
4-150xxx*
150 S/4 S Wallet with 4 markers.
Order no.
Colours: 001–004.
4-150-4
150 S/6 S Wallet with 6 markers.
Order no.
Colours: 001–004, 006, 007.
4-150-6
007
006
004
003
002
001
~0.3 mm
edding 151 F non-permanent
OHP marker with bullet tip,
non-permanent, water-based ink.
Non-permanent ink: smudge-proof, can be
erased without problem using a damp cloth.
Colours: 001–004, 006, 007.
Order no.
Box of 10 in each colour.
4-151xxx*
151 F/4 S Wallet with 4 markers.
Order no.
Colours: 001–004.
4-151-4
151 F/6 S Wallet with 6 markers.
Order no.
Colours: 001–004, 006, 007.
4-151-6
007
006
004
003
002
001
~0.6 mm
edding 152 M non-permanent
OHP marker with bullet tip,
non-permanent, water-based ink.
Non-permanent ink: smudge-proof, can be
erased without problem using a damp cloth.
Colours: 001–004, 006, 007.
Order no.
Box of 10 in each colour.
4-152xxx*
152 M/4 S Wallet with 4 markers.
Order no.
Colours: 001–004.
4-152-4
152 M/6 S Wallet with 6 markers.
Order no.
Colours: 001–004, 006, 007.
4-152-6
007
006
004
003
002
001
~1 mm
edding 153 B non-permanent
OHP marker with chisel tip,
non-permanent, water-based ink.
Non-permanent ink: smudge-proof, can be
erased without problem using a damp cloth.
Colours: 001–004, 006, 007.
Order no.
Box of 10 in each colour.
4-153xxx*
153 B/4 S Wallet with 4 markers.
Order no.
Colours: 001–004.
4-153-4
153 B/6 S Wallet with 6 markers.
Order no.
Colours: 001–004, 006, 007.
4-153-6
007
006
004
003
002
001
~1–3 mm


Similar Part No. - 4-141-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-141-34W ETC2-4-141-34W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
4-141-W ETC2-4-141-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
4-141-Y ETC2-4-141-Y Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
More results

Similar Description - 4-141-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com