Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-140-6 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # 4-140-6
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-140-6 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 4-140-6 Datasheet HTML 14Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 15Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 16Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 17Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 18Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 19Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 20Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 21Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 1700 VARIO fineliner
Fineliner with metal-framed
plastic tip and soft grip zone
in 2 barrel colours.
Comes complete with
edding 1706 M VARIO cartridge.
Colours of ink: 001–004.
Barrel colour white,
colours of ink: 001–004.
Order no.
Box of 10 in each colour.
4-1700-4xxx*
Barrel colour red,
colours of ink: 001, 003.
Order no.
Box of 10 in each colour.
4-1700-4V1xxx*
Refillable using all cartridges in the
edding 1700 VARIO series and almost
all standard European cartridges.
18
FINELINER, INK ROLLER
AND GEL ROLLERS
Particularly good for smooth, effortless and flowing writing and signing. Ink rollers also for copying. Water-based
gel ink. All models refillable with edding cartridges.
004
003
002
001
~0.5 mm
edding 1700 VARIO roller
Rollerball with metal-framed
roller tip and soft grip zone.
Comes complete with
edding 1707 R VARIO cartridge.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-1700-4Rxxx*
Colours 001–003 are document-proof.
Refillable using all cartridges in the
edding 1700 VARIO series and almost
all standard European cartridges.
004
003
002
001
~0.5 mm
edding 1700 VARIO gel
Gel roller with metal-framed
roller tip and soft grip zone.
Water-based gel ink for precise
and smooth writing.
Comes complete with
edding 1708 VARIO gel cartridge.
Colours: 001–004,
053–055, 073, 074, 078, 079.
Order no.
Box of 10 in each colour.
4-1700-4Gxxx*
Refillable using all cartridges in the
edding 1700 VARIO series and almost
all standard European cartridges.
004
053
054
055
073
074
078
079
003
002
001
~0.7 mm


Similar Part No. - 4-140-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-140-W ETC2-4-140-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
More results

Similar Description - 4-140-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com