Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG08P5T5G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL17SG08P5T5G
Description  Single 2-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG08P5T5G Datasheet(HTML) 4 Page - ON Semiconductor

  NL17SG08P5T5G Datasheet HTML 1Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 2Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 3Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 4Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 5Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 6Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 7Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 8Page - ON Semiconductor NL17SG08P5T5G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NL17SG08
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
Symbol
Parameter
Test Condition
VCC (V)
TA = 255 C
TA =
-555C to +1255C
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Propagation Delay,
A or B to Y
CL = 10 pF,
RL = 1 MW
0.9
-
10.0
12.4
-
14.8
ns
1.1 to 1.3
-
8.0
10.7
-
13.6
1.4 to 1.6
-
5.9
9.6
-
11.3
1.65 to 1.95
-
4.5
7.0
-
7.5
2.3 to 2.7
-
2.9
4.4
-
4.9
3.0 to 3.6
-
2.2
3.5
-
4.1
CL = 15 pF,
RL = 1 MW
0.9
-
11.7
13.5
-
15.0
ns
1.1 to 1.3
-
8.8
10.2
-
13.7
1.4 to 1.6
-
6.5
9.5
-
12.6
1.65 to 1.95
-
5.0
7.7
-
8.0
2.3 to 2.7
-
3.2
4.9
-
5.6
3.0 to 3.6
-
2.5
3.8
-
4.4
CL = 30 pF,
RL = 1 MW
0.9
-
13.0
16.0
-
19.0
ns
1.1 to 1.3
-
10.0
12.4
-
17.2
1.4 to 1.6
-
8.9
11.8
-
14.9
1.65 to 1.95
-
6.9
10.3
-
10.8
2.3 to 2.7
-
4.4
6.4
-
6.8
3.0 to 3.6
-
3.5
4.9
-
5.4
CIN
Input Capacitance
0 to 3.6
3
-
-
-
pF
CPD
Power Dissipation
Capacitance (Note 4)
f = 10 MHz
0.9 to 3.6
-
4
-
-
-
pF
4. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL17SG08P5T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG08P5T5G ONSEMI-NL17SG08P5T5G Datasheet
92Kb / 9P
   Single 2-Input AND Gate
November, 2014 ??Rev. 6
NL17SG08P5T5G ONSEMI-NL17SG08P5T5G Datasheet
92Kb / 9P
   Single 2-Input AND Gate
June, 2016 ??Rev. 7
More results

Similar Description - NL17SG08P5T5G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
   SINGLE 2-INPUT AND GATE
July 2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
   Single 2-Input AND Gate
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
   Single 2-Input AND Gate
March, 2008 - Rev. 2
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
   Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
   Single 2-Input AND Gate
November, 2018 ??Rev. 15
MC74VHC1G08 ONSEMI-MC74VHC1G08_15 Datasheet
80Kb / 6P
   Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08 ONSEMI-MC74VHC1G08_18 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08_18 Datasheet
189Kb / 13P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com