Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4640H030T1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP4640H030T1G
Description  50 mA, Wide Input Range, Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4640H030T1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP4640H030T1G Datasheet HTML 6Page - ON Semiconductor NCP4640H030T1G Datasheet HTML 7Page - ON Semiconductor NCP4640H030T1G Datasheet HTML 8Page - ON Semiconductor NCP4640H030T1G Datasheet HTML 9Page - ON Semiconductor NCP4640H030T1G Datasheet HTML 10Page - ON Semiconductor NCP4640H030T1G Datasheet HTML 11Page - ON Semiconductor NCP4640H030T1G Datasheet HTML 12Page - ON Semiconductor NCP4640H030T1G Datasheet HTML 13Page - ON Semiconductor NCP4640H030T1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NCP4640
http://onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 29. Line Transients, 12.0 V Version,
tR = tF = 50 ms, IOUT = 1 mA
11.6
11.8
12.0
12.2
12.4
15.0
15.5
16.0
16.5
0
0.2
0.4 0.6
0.8 1.0 1.2
1.4 1.6 1.8
2.0
t (ms)
Figure 30. Load Transients, 2.0 V Version,
IOUT = 1 – 20 mA, tR = tF = 50 ms, VIN = 5.0 V
1.7
1.8
1.9
2.0
2.1
2.2
0
10
20
30
0
0.2
0.4 0.6
0.8 1.0 1.2
1.4 1.6 1.8
2.0
t (ms)
Figure 31. Load Transients, 3.3 V Version,
IOUT = 1 – 20 mA, tR = tF = 50 ms, VIN = 6.3 V
2.7
2.9
3.1
3.3
3.5
3.7
0
10
20
30
0
0.2
0.4 0.6
0.8 1.0 1.2
1.4 1.6 1.8
2.0
t (ms)


Similar Part No. - NCP4640H030T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4640 ONSEMI-NCP4640 Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
More results

Similar Description - NCP4640H030T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4640 ONSEMI-NCP4640 Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4623HMXADJTCG ONSEMI-NCP4623HMXADJTCG Datasheet
379Kb / 20P
   150 mA, Wide Input Voltage Range, Low Dropout Regulator
February, 2012 ??Rev. 2
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com