Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5693P-E Datasheet(PDF) 9 Page - ON Semiconductor

Part # LV5693P-E
Description  Multi-Power Supply System IC for Car Audio Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5693P-E Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LV5693P-E Datasheet HTML 5Page - ON Semiconductor LV5693P-E Datasheet HTML 6Page - ON Semiconductor LV5693P-E Datasheet HTML 7Page - ON Semiconductor LV5693P-E Datasheet HTML 8Page - ON Semiconductor LV5693P-E Datasheet HTML 9Page - ON Semiconductor LV5693P-E Datasheet HTML 10Page - ON Semiconductor LV5693P-E Datasheet HTML 11Page - ON Semiconductor LV5693P-E Datasheet HTML 12Page - ON Semiconductor LV5693P-E Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LV5693P
No.A1914-9/15
Continued from preceding page.
Pin No.
Pin name
Description
Equivalent Circuit
10
USBGT
Pch-FET gate connect pin
12.0V
15
2
VCC
GND
10
11
EXT
EXT output pin
ON when CTRL2 = M2, H
VCC-0.5V/500mA
15
2
VCC
GND
11
12
RSNS
USB current detection resistance connection pin
14.3V
15
2
VCC
GND
12
13
VDD
VDD output pin
5.7V/0.3A
15
2
VCC
GND
13
14
VCC1
VDD power supply pin
15
VCC
Power supply pin
2
VCC1
GND
15
14
VCC


Similar Part No. - LV5693P-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5693P SANYO-LV5693P Datasheet
318Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5693P ONSEMI-LV5693P Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
More results

Similar Description - LV5693P-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com