Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDN2879W Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # UDN2879W
Description  QUAD HIGH-CURRENT DARLINGTON SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2879W Datasheet(HTML) 5 Page - Allegro MicroSystems

  UDN2879W Datasheet HTML 1Page - Allegro MicroSystems UDN2879W Datasheet HTML 2Page - Allegro MicroSystems UDN2879W Datasheet HTML 3Page - Allegro MicroSystems UDN2879W Datasheet HTML 4Page - Allegro MicroSystems UDN2879W Datasheet HTML 5Page - Allegro MicroSystems UDN2879W Datasheet HTML 6Page - Allegro MicroSystems UDN2879W Datasheet HTML 7Page - Allegro MicroSystems UDN2879W Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2878 AND 2879
QUAD HIGH-CURRENT
DARLINGTON SWITCHES
www.allegromicro.com
PRINT-HAMMER DRIVER
TYPICAL APPLICATIONS
INPUT WAVEFORMS
STEPPER-MOTOR DRIVER
Dwg. No. A-11,976
Dwg. No. B-1512
Dwg. No. A-11,975
Dwg. No. A-11,795
DIGIT DRIVER
FOR MULTIPLEXED INCANDESCENT LAMP DISPLAY


Similar Part No. - UDN2879W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UDN2841 TI-UDN2841 Datasheet
266Kb / 4P
[Old version datasheet]   QUADRUPLE HIGH-CURRENT DARLINGTON DRIVERS
UDN2841NE TI-UDN2841NE Datasheet
266Kb / 4P
[Old version datasheet]   QUADRUPLE HIGH-CURRENT DARLINGTON DRIVERS
UDN2845 TI-UDN2845 Datasheet
266Kb / 4P
[Old version datasheet]   QUADRUPLE HIGH-CURRENT DARLINGTON DRIVERS
UDN2845NE TI-UDN2845NE Datasheet
266Kb / 4P
[Old version datasheet]   QUADRUPLE HIGH-CURRENT DARLINGTON DRIVERS
More results

Similar Description - UDN2879W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
   QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
ULS-2064H ALLEGRO-ULS-2064H Datasheet
1Mb / 12P
   1.25 A QUAD DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2065B STMICROELECTRONICS-ULN2065B Datasheet
827Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B Datasheet
279Kb / 14P
   50 V - 1.5 A quad Darlington switches
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
logo
Texas Instruments
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
[Old version datasheet]   QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
List of Unclassifed Man...
ULN-2061M ETC2-ULN-2061M Datasheet
3Mb / 163P
   1.5A DARLINGTON SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com