Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EXB24V4720V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EXB24V4720V
Description  Chip Resistor Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXB24V4720V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EXB24V4720V Datasheet HTML 1Page - Panasonic Semiconductor EXB24V4720V Datasheet HTML 2Page - Panasonic Semiconductor EXB24V4720V Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Chip Resistor Array
–60 –40 –20 0
20 40 60 80 100 120 140 160 180
0
20
40
60
80
100
70 °C
–55 °C
125 °C
Ambient Temperature (°C)
Item
Specifications
Resistance Range
10
Ω to 1 MΩ : E24 series
Resistance Tolerance
J : ±5 %
Number of Terminals
14V,24V,V4V,34V
4 terminal
18V,28V,N8V,38V,V8V,S8V 8 terminal
2HV
16 terminal
Number of Resistors
14V,24V,V4V,34V
2 element
18V,28V,N8V,38V,V8V,S8V 4 element
2HV
8 element
Power Rating at 70 °C
14V,N8V
0.031 W/element
18V
0.031 W/element
(0.1 W/package)
24V,28V,V4V,34V,V8V,38V 0.063 W/element
S8V
0.1 W/element
2HV
0.063 W/element
(0.25 W/package)
Ratings
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Power Rating
× Resistance Value, or Limiting Element Voltage listed
above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5
× Power Rating or max. Overload Voltage listed above whichever less.
Power Derating Curve
For resistors operated in ambient temperature above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Item
Specifications
Limiting Element Voltage
(1)
14V,18V
12.5 V
2HV
25 V
24V,28V,N8V,38V,34V,V4V,V8V 50 V
S8V
100 V
Maximum Overload
Voltage
(2)
14V,18V
25 V
2HV
50 V
24V,28V,N8V,38V,34V,V4V,V8V 100 V
S8V
200 V
T.C.R.
±200
×10-6/°C
Category Temperature Range
–55 °C to 125 °C
Rated Current
14V,18V
0.5 A
2HV,24V,28V,N8V,38V,34V,V4V,V8V 1 A
S8V
2 A
Maximum Overload
Current
14V,18V
1 A
2HV,24V,28V,N8V,38V,34V,V4V,V8V 2 A
S8V
4 A
Aug. 2012
01
31


Similar Part No. - EXB24V4720V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXB24V4720V PANASONIC-EXB24V4720V Datasheet
434Kb / 5P
   Chip Resistor Array
EXB24V4720V PANASONIC-EXB24V4720V Datasheet
109Kb / 3P
   Chip Resistor Array
EXB24V4720V PANASONIC-EXB24V4720V Datasheet
117Kb / 3P
   Chip Resistor Array
EXB24V4720V PANASONIC-EXB24V4720V Datasheet
109Kb / 3P
   Chip Resistor Array
EXB24V4720V PANASONIC-EXB24V4720V Datasheet
109Kb / 3P
   Chip Resistor Array
More results

Similar Description - EXB24V4720V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
logo
Panasonic Semiconductor
EXB-28V470JX PANASONIC-EXB-28V470JX Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-38V152JV PANASONIC-EXB-38V152JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-2HV151JV PANASONIC-EXB-2HV151JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V_10 Datasheet
117Kb / 3P
   Chip Resistor Array
EXB-38V183JV PANASONIC-EXB-38V183JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-V8V330JV PANASONIC-EXB-V8V330JV Datasheet
109Kb / 3P
   Chip Resistor Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com