Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP702SN33T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP702SN33T1G
Description  200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP702SN33T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP702SN33T1G Datasheet HTML 2Page - ON Semiconductor NCP702SN33T1G Datasheet HTML 3Page - ON Semiconductor NCP702SN33T1G Datasheet HTML 4Page - ON Semiconductor NCP702SN33T1G Datasheet HTML 5Page - ON Semiconductor NCP702SN33T1G Datasheet HTML 6Page - ON Semiconductor NCP702SN33T1G Datasheet HTML 7Page - ON Semiconductor NCP702SN33T1G Datasheet HTML 8Page - ON Semiconductor NCP702SN33T1G Datasheet HTML 9Page - ON Semiconductor NCP702SN33T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NCP702
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. Power Supply Rejection Ratio,
VOUT = 0.8 V, COUT = 1 mF
Figure 10. Power Supply Rejection Ratio,
VOUT = 0.8 V, COUT = 4.7 mF
FREQUENCY (Hz)
FREQUENCY (Hz)
0
10
20
40
60
70
90
100
Figure 11. Power Supply Rejection Ratio,
VOUT = 3.3 V, COUT = 1 mF
Figure 12. Power Supply Rejection Ratio,
VOUT = 3.3 V, COUT = 4.7 mF
FREQUENCY (Hz)
FREQUENCY (Hz)
Figure 13. Power Supply Rejection Ratio,
VOUT = 3.3 V, COUT = 10 mF
Figure 14. PSRR vs. Voltage Differential,
COUT = 4.7 mF, IOUT = 200 mA
FREQUENCY (Hz)
VIN − VOUT VOLTAGE DIFFERENTIAL (V)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
10
30
40
50
60
80
90
20
70
VOUT = 3.3 V
COUT = 4.7 mF
CIN = none
f = 100 Hz
f = 1 kHz
f = 100 kHz
f = 1 MHz
f = 10 kHz
IOUT = 200 mA
MLCC, X7R,
1206 size
30
50
80
VIN = 2.0 V
VOUT = 0.8 V
COUT = 1 mF
CIN = none
MLCC, X5R,
0402 size
0
10
20
40
60
70
90
100
30
50
80
0
10
20
40
60
70
90
100
30
50
80
VIN = 3.8 V
VOUT = 3.3 V
COUT = 10 mF
CIN = none
MLCC, X7R,
1206 size
0
10
20
40
60
70
90
30
50
80
VIN = 3.8 V
VOUT = 3.3 V
COUT = 4.7 mF
CIN = none
MLCC, X7R,
1206 size
0
10
20
40
60
70
90
110
30
50
80
100
IOUT = 1 mA
IOUT = 10 mA
IOUT = 50 mA
IOUT = 150 mA
IOUT = 200 mA
IOUT = 1 mA
IOUT = 10 mA
IOUT = 50 mA
IOUT = 150 mA
IOUT = 200 mA
IOUT = 1 mA
IOUT = 10 mA
IOUT = 50 mA
IOUT = 150 mA
IOUT = 200 mA
IOUT = 1 mA
IOUT = 10 mA
IOUT = 50 mA
IOUT = 150 mA
IOUT = 200 mA
IOUT = 1 mA
IOUT = 10 mA
IOUT = 50 mA
IOUT = 150 mA
IOUT = 200 mA
VIN = 3.8 V
VOUT = 3.3 V
COUT = 1 mF
CIN = none
MLCC, X5R,
0402 size
VIN = 2.0 V
VOUT = 0.8 V
COUT = 4.7 mF
CIN = none
MLCC, X7R,
1206 size
10M
1M
100k
10k
1k
100
10
10M
1M
100k
10k
1k
100
10
10M
1M
100k
10k
1k
100
10
10M
1M
100k
10k
1k
100
10
10M
1M
100k
10k
1k
100
10


Similar Part No. - NCP702SN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP702SN33T1G ONSEMI-NCP702SN33T1G Datasheet
1Mb / 20P
   Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
More results

Similar Description - NCP702SN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
NCP702 ONSEMI-NCP702 Datasheet
1Mb / 20P
   Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
STMicroelectronics
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
   200 mA ultra-low quiescent current LDO
Rev 3 - June 2019
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
Texas Instruments
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
logo
ON Semiconductor
NCV8705 ONSEMI-NCV8705_16 Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
NCP703 ONSEMI-NCP703_13 Datasheet
994Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com