Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G02GM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AUP1G02GM
Description  Low-power 2-input NOR gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G02GM Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP1G02GM Datasheet HTML 1Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G02GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
74AUP1G02
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 27 June 2012
3 of 21
NXP Semiconductors
74AUP1G02
Low-power 2-input NOR gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration SOT353-1
Fig 5.
Pin configuration SOT886
74AUP1G02
BVCC
A
GND
Y
001aaf019
1
2
3
5
4
74AUP1G02
A
001aaf020
B
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
Fig 6.
Pin configuration SOT891, SOT1115 and
SOT1202
Fig 7.
Pin configuration SOT1226 (X2SON5)
74AUP1G02
A
001aaf021
B
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
B
VCC
GND
1
3
2
5
4
A
Y
aaa-002996
Transparent top view
74AUP1G02
Table 3.
Pin description
Symbol
Pin
Description
TSSOP5
XSON6
B
1
1
data input
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage


Similar Part No. - 74AUP1G02GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G02GM NEXPERIA-74AUP1G02GM Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
More results

Similar Description - 74AUP1G02GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
   Low-power 2-input NOR gate
74AXP1G02 NEXPERIA-74AXP1G02 Datasheet
797Kb / 17P
   Low-power 2-input NOR gate
74AUP1G02 NEXPERIA-74AUP1G02 Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
logo
NXP Semiconductors
74AUP2G02 NXP-74AUP2G02 Datasheet
100Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 03-11 December 2008
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Fairchild Semiconductor
100201 FAIRCHILD-100201 Datasheet
40Kb / 4P
   Low Power 2-Input OR/NOR Gate/Inverter
logo
Texas Instruments
100302 TI1-100302 Datasheet
135Kb / 7P
[Old version datasheet]   Low Power Quint 2-Input OR/NOR Gate
logo
Fairchild Semiconductor
100302 FAIRCHILD-100302 Datasheet
78Kb / 8P
   Low Power Quint 2-Input OR/NOR Gate
logo
Texas Instruments
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com