Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2950CZ-3.0 Datasheet(PDF) 10 Page - ON Semiconductor

Part # LP2950CZ-3.0
Description  100 mA, Low Power Low Dropout Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950CZ-3.0 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LP2950CZ-3.0 Datasheet HTML 6Page - ON Semiconductor LP2950CZ-3.0 Datasheet HTML 7Page - ON Semiconductor LP2950CZ-3.0 Datasheet HTML 8Page - ON Semiconductor LP2950CZ-3.0 Datasheet HTML 9Page - ON Semiconductor LP2950CZ-3.0 Datasheet HTML 10Page - ON Semiconductor LP2950CZ-3.0 Datasheet HTML 11Page - ON Semiconductor LP2950CZ-3.0 Datasheet HTML 12Page - ON Semiconductor LP2950CZ-3.0 Datasheet HTML 13Page - ON Semiconductor LP2950CZ-3.0 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LP2950, LP2951, NCV2951
http://onsemi.com
10
Figure 19. Adjustable Regulator
Error
Output
Shutdown
Input
Vin
Vout
1.23 to 30 V
3.3
mF
0.01
mF
NC
NC
R2
R1
100 k
5
3
Error
SD
GND
FB
47
6
VO T
SNS
2
Vout
Vin
8
1
The complete equation for the output voltage is:
Vout + Vref (1 ) R1 R2) ) IFB R1
where Vref is the nominal 1.235 V reference voltage and IFB
is the feedback pin bias current, nominally −20 nA. The
minimum recommended load current of 1.0
mA forces an
upper limit of 1.2 M
W on the value of R2, if the regulator
must work with no load. IFB will produce a 2% typical error
in Vout which may be eliminated at room temperature by
adjusting R1. For better accuracy, choosing R2 = 100 k
reduces this error to 0.17% while increasing the resistor
program current to 12
mA. Since the LP2951 typically draws
75
mA at no load with Pin 2 open circuited, the extra 12 mA
of current drawn is often a worthwhile tradeoff for
eliminating the need to set output voltage in test.
Output Noise
In many applications it is desirable to reduce the noise
present at the output. Reducing the regulator bandwidth by
increasing the size of the output capacitor is the only method
for reducing noise on the 3 lead LP2950. However,
increasing the capacitor from 1.0
mF to 220 mF only
decreases the noise from 430
mV to 160 mVrms for a 100 kHz
bandwidth at the 5.0 V output.
Noise can be reduced fourfold by a bypass capacitor
across R1, since it reduces the high frequency gain from 4
to unity. Pick
CBypass [
1
2pR1 x 200 Hz
or about 0.01
mF. When doing this, the output capacitor must
be increased to 3.3
mF to maintain stability. These changes
reduce the output noise from 430
mV to 126 mVrms for a
100 kHz bandwidth at 5.0 V output. With bypass
capacitor added, noise no longer scales with output voltage
so that improvements are more dramatic at higher output
voltages.
Figure 20. 1.0 A Regulator with 1.2 V Dropout
0.01
mF
10 k
MTB23P06E
1.0
mF
Unregulated
Input
Error
Output
Shutdown
Input
Vout
5.0 V
1.0%
0 to 1.0 A
220
mF
2.0 k
5
3
Error
SD
GND FB
47
6
VO T
SNS
2
Vout
Vin
8
1
0.002
mF
1.0 M
LP2951CN


Similar Part No. - LP2950CZ-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950CZ-3.0 NSC-LP2950CZ-3.0 Datasheet
1Mb / 26P
   Series of Adjustable Micropower Voltage Regulators
logo
ON Semiconductor
LP2950CZ-3.0 ONSEMI-LP2950CZ-3.0 Datasheet
289Kb / 16P
   Micropower Voltage Regulators
October, 1999 ??Rev. 5
LP2950CZ-3.0 ONSEMI-LP2950CZ-3.0 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
logo
Texas Instruments
LP2950CZ-3.0 TI1-LP2950CZ-3.0 Datasheet
657Kb / 30P
[Old version datasheet]   Series of Adjustable Micropower Voltage Regulators
logo
ON Semiconductor
LP2950CZ-3.0 ONSEMI-LP2950CZ-3.0 Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results

Similar Description - LP2950CZ-3.0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_06 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
LP2951ACDG ONSEMI-LP2951ACDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDR2G ONSEMI-LP2951ACDR2G Datasheet
257Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
September, 2011 ??Rev. 25
LP2951CDG ONSEMI-LP2951CDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDR2G ONSEMI-LP2951CDR2G Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDM-33R2 ONSEMI-LP2951ACDM-33R2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDMR2 ONSEMI-LP2951CDMR2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDMR2G ONSEMI-LP2951ACDMR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2950ACDT-5RKG ONSEMI-LP2950ACDT-5RKG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
NCV2951CDR2G ONSEMI-NCV2951CDR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com