Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSD107M002B0100 Datasheet(PDF) 3 Page - AVX Corporation

Part # TPSD107M002B0100
Description  TPS Series Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSD107M002B0100 Datasheet(HTML) 3 Page - AVX Corporation

  TPSD107M002B0100 Datasheet HTML 1Page - AVX Corporation TPSD107M002B0100 Datasheet HTML 2Page - AVX Corporation TPSD107M002B0100 Datasheet HTML 3Page - AVX Corporation TPSD107M002B0100 Datasheet HTML 4Page - AVX Corporation TPSD107M002B0100 Datasheet HTML 5Page - AVX Corporation TPSD107M002B0100 Datasheet HTML 6Page - AVX Corporation TPSD107M002B0100 Datasheet HTML 7Page - AVX Corporation TPSD107M002B0100 Datasheet HTML 8Page - AVX Corporation TPSD107M002B0100 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
2.5 Volt @ 85ºC (1.7 Volt @ 125ºC)
TPSB107*002#0200
B
100
2.5
5
6
200
1
0.652
0.587
0.261
0.130
0.117
0.052
TPSB157*002#0150
B
150
2.5
3
10
150
1
0.753
0.677
0.301
0.113
0.102
0.045
TPSB227*002#0150
B
220
2.5
4.4
16
150
1
0.753
0.677
0.301
0.113
0.102
0.045
TPSB227*002#0200
B
220
2.5
4.4
16
200
1
0.652
0.587
0.261
0.130
0.117
0.052
TPSB227*002#0600
B
220
2.5
4.4
16
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPSD227*002#0045
D
220
2.5
4.4
8
45
1
1.826
1.643
0.730
0.082
0.074
0.033
TPSY337*002#0040
Y
330
2.5
8.2
8
40
1
1)
1.768
1.591
0.707
0.071
0.064
0.028
TPSD477*002#0035
D
470
2.5
11.6
8
35
1
2.070
1.863
0.828
0.072
0.065
0.029
TPSF477*002#0200
F
470
2.5
11.8
12
200
1
0.707
0.636
0.283
0.141
0.127
0.057
TPSY477*002#0100
Y
470
2.5
11
12
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSD687*002#0035
D
680
2.5
17
16
35
1
2.070
1.863
0.828
0.072
0.065
0.029
TPSD687*002#0050
D
680
2.5
17
16
50
1
1.732
1.559
0.693
0.087
0.078
0.035
TPSE687*002#0035
E
680
2.5
17
10
35
1
1)
2.171
1.954
0.868
0.076
0.068
0.030
TPSE687*002#0050
E
680
2.5
17
10
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSY687*002#0100
Y
680
2.5
17
12
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSE108*002#0030
E
1000
2.5
20
14
30
1
1)
2.345
2.111
0.938
0.070
0.063
0.028
TPSE108*002#0040
E
1000
2.5
20
14
40
1
1)
2.031
1.828
0.812
0.081
0.073
0.032
TPSY108M002#0100
Y
1000
2.5
25
30
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSD158*002#0100
D
1500
2.5
37.5
60
100
1
1.125
1.102
0.490
0.122
0.110
0.049
TPSE158*002#0050
E
1500
2.5
37.5
20
50
1
1)
1.817
1.635
0.727
0.001
0.082
0.036
TPSV158M002#0030
V
1500
2.5
30
20
30
1
1)
2.887
2.598
1.155
0.087
0.078
0.035
TPSV158M002#0040
V
1500
2.5
30
20
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
4 Volt @ 85ºC (2.7 Volt @ 125ºC)
TPSR106*004#3000
R
10
4
0.5
6
3000
1
0.135
0.122
0.054
0.406
0.366
0.162
TPSA476*004#0500
A
47
4
1.9
8
500
1
0.387
0.349
0.155
0.194
0.174
0.077
TPSB107*004#0200
B
100
4
4
8
200
1
0.652
0.587
0.261
0.130
0.117
0.052
TPSB107*004#0250
B
100
4
4
8
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB107*004#0350
B
100
4
4
8
350
1
0.493
0.444
0.197
0.172
0.155
0.069
TPSB107*004#0500
B
100
4
4
8
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSW107*004#0100
W
100
4
4
6
100
1
0.949
0.854
0.379
0.095
0.085
0.038
TPSB157*004#0250
B
150
4
6
10
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSC157*004#0070
C
150
4
6
6
70
1
1.254
1.128
0.501
0.088
0.079
0.035
TPSC157*004#0080
C
150
4
6
6
80
1
1.173
1.055
0.469
0.094
0.084
0.038
TPSD227*004#0040
D
220
4
8.8
8
40
1
1.936
1.743
0.775
0.077
0.070
0.031
TPSD227*004#0050
D
220
4
8.8
8
50
1
1.732
1.559
0.693
0.087
0.078
0.035
TPSD227*004#0100
D
220
4
8.8
8
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSY227*004#0040
Y
220
4
8.8
8
40
1
1)
1.768
1.591
0.707
0.071
0.064
0.028
TPSY227*004#0050
Y
220
4
8.8
8
50
1
1)
1.581
1.423
0.632
0.095
0.085
0.038
TPSY227*004#0075
Y
220
4
8.8
8
75
1
1)
1.291
1.162
0.516
0.097
0.087
0.039
TPSC337*004#0100
C
330
4
13.2
8
100
1
1.049
0.944
0.420
0.105
0.094
0.042
TPSD337*004#0035
D
330
4
13.2
8
35
1
2.070
1.863
0.828
0.072
0.065
0.029
TPSD337*004#0045
D
330
4
13.2
8
45
1
1.826
1.643
0.730
0.082
0.074
0.033
TPSD337*004#0100
D
330
4
13.2
8
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSF337*004#0200
F
330
4
13.2
10
200
1
0.707
0.636
0.283
0.141
0.127
0.057
TPSX337*004#0100
X
330
4
13.2
8
100
1
1)
1.000
0.900
0.400
0.100
0.090
0.040
TPSD477*004#0045
D
470
4
18.8
12
45
1
1.826
1.643
0.730
0.082
0.074
0.033
TPSD477*004#0100
D
470
4
18.8
12
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSE477*004#0035
E
470
4
18.8
12
35
1
1)
2.171
1.954
0.868
0.076
0.068
0.030
TPSE477*004#0045
E
470
4
18.8
12
45
1
1)
1.915
1.723
0.766
0.086
0.078
0.034
TPSE477*004#0100
E
470
4
18.8
12
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSD687*004#0045
D
680
4
27.2
14
45
1
1.915
1.643
0.730
0.082
0.074
0.033
TPSD687*004#0060
D
680
4
27.2
14
60
1
1.581
1.423
0.632
0.095
0.085
0.038
TPSD687*004#0100
D
680
4
27.2
14
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSE687*004#0040
E
680
4
27.2
10
40
1
1)
2.031
1.828
0.812
0.081
0.073
0.032
TPSE687*004#0060
E
680
4
27.2
10
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSE687*004#0100
E
680
4
27.2
10
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE108*004#0040
E
1000
4
40
14
40
1
1)
2.031
1.828
0.812
0.081
0.073
0.032
TPSE108*004#0060
E
1000
4
40
14
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSV108*004#0025
V
1000
4
40
16
25
1
1)
3.162
2.846
1.265
0.079
0.071
0.032
TPSV108*004#0035
V
1000
4
40
16
35
1
1)
2.673
2.405
1.069
0.094
0.084
0.037
TPSV108*004#0040
V
1000
4
40
16
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV108*004#0050
V
1000
4
40
16
50
1
1)
2.236
2.012
0.894
0.112
0.101
0.045
TPSE158*004#0050
E
1500
4
60
30
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSE158*004#0075
E
1500
4
60
30
75
1
1)
1.483
1.335
0.593
0.111
0.100
0.044
TPSV158M004#0050
V
1500
4
60
30
50
1
1)
2.236
2.012
0.894
0.112
0.101
0.045
TPSV158M004#0075
V
1500
4
60
30
75
1
1)
1.826
1.643
0.730
0.137
0.123
0.055
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 124.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
32


Similar Part No. - TPSD107M002B0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSD107M002R0100 AVX-TPSD107M002R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107M002S0100 AVX-TPSD107M002S0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
More results

Similar Description - TPSD107M002B0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSB107M010R0400 AVX-TPSB107M010R0400 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC336K016R0150 AVX-TPSC336K016R0150 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M016R0100 AVX-TPSD107M016R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSW226K016R0500 AVX-TPSW226K016R0500 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M020R0085 AVX-TPSD107M020R0085 Datasheet
152Kb / 11P
   TPS Series Low ESR
TPSD156K035R0100 AVX-TPSD156K035R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107M010R0100 AVX-TPSD107M010R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD337K010R0150 AVX-TPSD337K010R0150 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSA684M025R6000 AVX-TPSA684M025R6000 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSE686K025R0125 AVX-TPSE686K025R0125 Datasheet
163Kb / 11P
   TPS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com