Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM337BD2TR4 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM337BD2TR4
Description  1.5 A, Adjustable Output, Negative Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337BD2TR4 Datasheet(HTML) 5 Page - ON Semiconductor

  LM337BD2TR4 Datasheet HTML 1Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 2Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 3Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 4Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 5Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 6Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 7Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 8Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LM337
http://onsemi.com
5
Figure 5. Load Regulation
Figure 6. Current Limit
Figure 7. Adjustment Pin Current
Figure 8. Dropout Voltage
Figure 9. Temperature Stability
Figure 10. Minimum Operating Current
IL = 0.5 A
IL = 1.5 A
Vin = -15 V
Vout = -10 V
TJ = 25°C
1.0 A
500 mA
200 mA
20 mA
Vout = -5.0 V
DVO = 100 mV
IL = 1.5 A
TJ = 25°C
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
4.0
3.0
2.0
1.0
0
80
75
70
65
60
55
50
45
40
3.0
2.5
2.0
1.5
1.0
1.27
1.26
1.25
1.24
1.23
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
0
10
203040
Vin-Vout , INPUT-OUTPUT VOLTAGE DIFFERENTIAL (Vdc)
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
10
20
30
40
0
Vin-Vout , INPUT-OUTPUT VOLTAGE DIFFERENTIAL (Vdc)


Similar Part No. - LM337BD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337BD2TR4 ONSEMI-LM337BD2TR4 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337BD2TR4G ONSEMI-LM337BD2TR4G Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337BD2TR4G ONSEMI-LM337BD2TR4G Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results

Similar Description - LM337BD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com