Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576T-5G Datasheet(PDF) 10 Page - ON Semiconductor

Part # LM2576T-5G
Description  3.0 A, 15 V, Step?묭own Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576T-5G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LM2576T-5G Datasheet HTML 6Page - ON Semiconductor LM2576T-5G Datasheet HTML 7Page - ON Semiconductor LM2576T-5G Datasheet HTML 8Page - ON Semiconductor LM2576T-5G Datasheet HTML 9Page - ON Semiconductor LM2576T-5G Datasheet HTML 10Page - ON Semiconductor LM2576T-5G Datasheet HTML 11Page - ON Semiconductor LM2576T-5G Datasheet HTML 12Page - ON Semiconductor LM2576T-5G Datasheet HTML 13Page - ON Semiconductor LM2576T-5G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LM2576
http://onsemi.com
10
Procedure (Fixed Output Voltage Version) In order to simplify the switching regulator design, a step−by−step
design procedure and some examples are provided.
Procedure
Example
Given Parameters:
Vout = Regulated Output Voltage (3.3 V, 5.0 V, 12 V or 15 V)
Vin(max) = Maximum Input Voltage
ILoad(max) = Maximum Load Current
Given Parameters:
Vout = 5.0 V
Vin(max) = 15 V
ILoad(max) = 3.0 A
1. Controller IC Selection
According to the required input voltage, output voltage and
current, select the appropriate type of the controller IC output
voltage version.
1. Controller IC Selection
According to the required input voltage, output voltage,
current polarity and current value, use the LM2576−5
controller IC
2. Input Capacitor Selection (Cin)
To prevent large voltage transients from appearing at the input
and for stable operation of the converter, an aluminium or
tantalum electrolytic bypass capacitor is needed between the
input pin +Vin and ground pin GND. This capacitor should be
located close to the IC using short leads. This capacitor should
have a low ESR (Equivalent Series Resistance) value.
2. Input Capacitor Selection (Cin)
A 100
mF, 25 V aluminium electrolytic capacitor located near
to the input and ground pins provides sufficient bypassing.
3. Catch Diode Selection (D1)
A. Since the diode maximum peak current exceeds the
regulator maximum load current the catch diode current
rating must be at least 1.2 times greater than the maximum
load current. For a robust design the diode should have a
current rating equal to the maximum current limit of the
LM2576 to be able to withstand a continuous output short
B. The reverse voltage rating of the diode should be at least
1.25 times the maximum input voltage.
3. Catch Diode Selection (D1)
A. For this example the current rating of the diode is 3.0 A.
B. Use a 20 V 1N5820 Schottky diode, or any of the
suggested fast recovery diodes shown in Table 1.
4. Inductor Selection (L1)
A. According to the required working conditions, select the
correct inductor value using the selection guide from
Figures 18 to 22.
B. From the appropriate inductor selection guide, identify the
inductance region intersected by the Maximum Input
Voltage line and the Maximum Load Current line. Each
region is identified by an inductance value and an inductor
code.
C. Select an appropriate inductor from the several different
manufacturers part numbers listed in Table 2.
The designer must realize that the inductor current rating
must be higher than the maximum peak current flowing
through the inductor. This maximum peak current can be
calculated as follows:
where ton is the “on” time of the power switch and
For additional information about the inductor, see the
inductor section in the “Application Hints” section of
this data sheet.
I
p(max)
+ I
Load(max) )
V
in
–Vout ton
2L
ton +
V
out
V
in
x 1.0
fosc
4. Inductor Selection (L1)
A. Use the inductor selection guide shown in Figures 19.
B. From the selection guide, the inductance area intersected
by the 15 V line and 3.0 A line is L100.
C. Inductor value required is 100
mH. From Table 2, choose
an inductor from any of the listed manufacturers.


Similar Part No. - LM2576T-5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2576T-5 ONSEMI-LM2576T-5 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Semtech Corporation
LM2576T-5 SEMTECH-LM2576T-5 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
logo
Motorola, Inc
LM2576T-5 MOTOROLA-LM2576T-5 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2576T-5.0 UMW-LM2576T-5.0 Datasheet
2Mb / 10P
   IC REG BUCK 3A TO263-5L
logo
Texas Instruments
LM2576T-5.0 TI-LM2576T-5.0 Datasheet
4Mb / 46P
[Old version datasheet]   LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator
REVISED MARCH 2023
More results

Similar Description - LM2576T-5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com