Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD500RAU-10QE Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD500RAU-10QE
Description  PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD500RAU-10QE Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD500RAU-10QE Datasheet HTML 1Page - Advanced Linear Devices ALD500RAU-10QE Datasheet HTML 2Page - Advanced Linear Devices ALD500RAU-10QE Datasheet HTML 3Page - Advanced Linear Devices ALD500RAU-10QE Datasheet HTML 4Page - Advanced Linear Devices ALD500RAU-10QE Datasheet HTML 5Page - Advanced Linear Devices ALD500RAU-10QE Datasheet HTML 6Page - Advanced Linear Devices ALD500RAU-10QE Datasheet HTML 7Page - Advanced Linear Devices ALD500RAU-10QE Datasheet HTML 8Page - Advanced Linear Devices ALD500RAU-10QE Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Advanced Linear Devices
ALD500RAU/ALD500RA/ALD500R
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C V
+ = +5V V- = -5V (V supply
± 5V) unless otherwise specified; CAZ = CREF = 0.47µf
500RAU
500RA
500R
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Resolution
15
30
60
µV
Notes 1, 7
Zero-Scale
ZSE
0.0025
0.003
0.005
%
0
°C to 70°C
Error
0.003
0.005
0.008
%
End Point
ENL
0.001
0.005
0.003
0.010
0.005
0.015
%
Notes 1, 2
Linearity
0.007
0.015
0.020
0
°C to +70°C
Best Case
NL
0.0025
0.003
0.005
0.003
0.008
%
Notes 1, 2
Straight Line
Linearity
0.004
0.008
0.015
0
°C to +70°C
Zero-Scale
TCZS
0.3
0.6
0.3
0.7
0.3
0.7
µV/°C0°C to +70°C
Temperature
Coefficient
0.15
0.3
0.15
0.35
0.15
0.35
ppm/
°C
Notes 1, 7
Full-Scale
SYE
0.005
0.008
0.01
%
0
°C to 70°C
Symmetry Error
(Rollover Error)
0.008
0.010
0.012
%
Full-Scale
TCFS
1.3
1.3
1.3
ppm/
°C0°C to +70°C
Temperature
Note 7
Coefficient
Input
IIN
22
2
pA
VIN = 0V
Current
Common-Mode
CMVR
VSS+1.5
VDD-1.5 VSS+1.5
VDD-1.5 VSS+1.5
VDD-1.5
V
Voltage Range
Integrator
VINT
VSS+0.9
VDD-0.9 VSS+0.9
VDD-0.9 VSS+0.9
VDD-0.9
V
Output Swing
Analog Input
VIN
VSS+1.5
VDD-1.5 VSS+1.5
VDD-1.5 VSS+1.5
VDD-1.5
V
AGND = 0V
Signal Range
Voltage
VREF
VSS+1
VDD-1
VSS+1
VDD-1 VSS+ 1
VDD-1
V
Reference
Range
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+
13.2V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
PE, SE package
0
°C to +70°C
Operating temperature range
QE package
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C


Similar Part No. - ALD500RAU-10QE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500RAU-10QE ADL-ALD500RAU-10QE Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
More results

Similar Description - ALD500RAU-10QE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500RAU ADL-ALD500RAU Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
logo
Advanced Linear Devices
ALD500AU ALD-ALD500AU Datasheet
88Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
logo
ADL Embedded Solutions
ALD500 ADL-ALD500 Datasheet
70Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
1999
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com