Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F0808A Datasheet(PDF) 10 Page - ON Semiconductor

Part # LC87F0808A
Description  8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F0808A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LC87F0808A Datasheet HTML 6Page - ON Semiconductor LC87F0808A Datasheet HTML 7Page - ON Semiconductor LC87F0808A Datasheet HTML 8Page - ON Semiconductor LC87F0808A Datasheet HTML 9Page - ON Semiconductor LC87F0808A Datasheet HTML 10Page - ON Semiconductor LC87F0808A Datasheet HTML 11Page - ON Semiconductor LC87F0808A Datasheet HTML 12Page - ON Semiconductor LC87F0808A Datasheet HTML 13Page - ON Semiconductor LC87F0808A Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LC87F0808A
No.A1828-10/25
Continued from preceding page.
Pin Name
I/O
Description
Option
Port 7
I/O
• 4-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P70: INT0 input/HOLD reset input/timer 0L capture input
P71: INT1 input/HOLD reset input/timer 0H capture input
P72: INT2 input/HOLD reset input/timer 0 event input / timer 0L capture input
P73: INT3 input (with noise filter)/ timer 0 event input/timer 0H capture input
Interrupt acknowledge types
No
P70 to P73
Rising
Falling
Rising &
Falling
H level
L level
INT0
enable
enable
disable
enable
enable
INT1
enable
enable
disable
enable
enable
INT2
enable
enable
enable
disable
disable
INT3
enable
enable
enable
disable
disable
OWP0
I/O
On-chip debugger (exclusive pin)
No
RES
I/O
External reset input/internal reset output
No
CF1/XT1
I
• Ceramic resonator or 32.768kHz crystal oscillator input pin
• Pin function
General-purpose input port
No
CF2/XT2
I/O
• Ceramic resonator or 32.768kHz crystal oscillator output pin
• Pin function
General-purpose input port
No
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port Name
Option selected in
units of
Option type
Output type
Pull-up resistor
P00 to P07
1 bit
1
CMOS
Programmable (Note 1)
2
Nch-open drain
No
P10 to P17
1 bit
1
CMOS
Programmable
2
Nch-open drain
Programmable
P20 to P21
1 bit
1
CMOS
Programmable
2
Nch-open drain
Programmable
P30 to P35
1 bit
1
CMOS
Programmable
2
Nch-open drain
Programmable
P70 to P73
-
No
CMOS
Programmable
Note 1: The control of the presence or absence of the programmable pull-up resistors for port 0 and the switching
between low-and high-impedance pull-up connection is exercised in nibble (4-bit) units (P00 to 03 or
P04 to 07).


Similar Part No. - LC87F0808A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F0808A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com