Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2595 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A2595
Description  8-CHANNEL SATURATED SINK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2595 Datasheet(HTML) 8 Page - Allegro MicroSystems

  A2595 Datasheet HTML 1Page - Allegro MicroSystems A2595 Datasheet HTML 2Page - Allegro MicroSystems A2595 Datasheet HTML 3Page - Allegro MicroSystems A2595 Datasheet HTML 4Page - Allegro MicroSystems A2595 Datasheet HTML 5Page - Allegro MicroSystems A2595 Datasheet HTML 6Page - Allegro MicroSystems A2595 Datasheet HTML 7Page - Allegro MicroSystems A2595 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2595
8-CHANNEL
SATURATED SINK DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
POWER SINK DRIVERS
IN ORDER OF 1) OUTPUT CURRENT, 2) OUTPUT VOLTAGE, 3) NUMBER OF DRIVERS
Output Ratings *
Features
Serial
Latched
Diode
Internal
mA
V
#
Input
Drivers
Clamp
Outputs
Protection
Part Number
75
17
8
X
X
constant current
6275
17
16
X
X
constant current
6276
100
20
8
saturated
2595
30
32
X
X
5833
40
32
X
X
saturated
5832
50
8
addressable decoder/driver
DMOS
6B259
50
8
X
DMOS
6B273
50
8
X
X
DMOS
6B595
250
50
8
addressable decoder/driver
DMOS
6259
50
8
X
DMOS
6273
50
8
X
X
DMOS
6595
135
7
X
7003
300
45
1
Hall sensor/driver
X
X
5140
50
7
X
2003
50
8
X
2803
50
8
X
saturated
2596
60
4
X
saturated
X
2557
95
7
X
2023
95
8
X
2823
350
50
4
X
X
5800
50
7
X
2004
50
8
X
2804
50
8
X
X
5801
50
8
X
X
5821
50
8
X
X
X
5841
50
8
addressable decoder/driver
DMOS
6A259
50
8
X
X
DMOS
6A595
80
8
X
X
5822
80
8
X
X
X
5842
95
7
X
2024
95
8
X
2824
450
30
28
dual 4- to 14-line decoder/driver
6817
600
60
4
saturated
X
2547
60
4
X
saturated
X
2549
700
60
4
X
saturated
X
2543 and 2559
750
50
8
X
saturated
2597
900
14
2
Hall sensor/driver
X
saturated
X
3625
26
2
Hall sensor/driver
X
saturated
X
3626
1000
46
4
stepper motor controller/driver
MOS
7024 and 7029
1200
46
4
microstepping controller/driver
MOS
7042
1250
50
4
stepper motor translator/driver
X
5804
50
4
X
2064 and 2068
1500
80
4
X
2065 and 2069
1800
50
4
X
2544
50
4
X
2540
3000
46
4
stepper motor controller/driver
MOS
7026
46
4
microstepping controller/driver
MOS
7044
4000
50
4
X
2878
80
4
X
2879
*
Current is maximum specified test condition, voltage is maximum rating. See specification for sustaining voltage limits or
over-current protection voltage limits.
Complete part number includes additional characters to indicate operating temperature range and package style.


Similar Part No. - A2595

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A25 MACOM-A25 Datasheet
355Kb / 2P
   Cascadable Amplifier 5 to 1500 MHz
logo
M/A-COM Technology Solu...
A25 MA-COM-A25 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 1500 MHz
logo
List of Unclassifed Man...
A25 ETC2-A25 Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
M/A-COM Technology Solu...
A25 MA-COM-A25 Datasheet
611Kb / 3P
   Cascadable Amplifier 5 to 1500 MHz
logo
Tyco Electronics
A25-1 MACOM-A25-1 Datasheet
107Kb / 1P
   2 TO 1500 MHz CASCADABLE AMPLIFIER
More results

Similar Description - A2595

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2596 ALLEGRO-2596 Datasheet
60Kb / 4P
   8-CHANNEL SATURATED SINK DRIVERS
logo
Sanyo Semicon Device
LV8481CS SANYO-LV8481CS Datasheet
255Kb / 13P
   Saturated Driver with 2 channels Constant Current Driver
logo
Texas Instruments
TLC59211 TI-TLC59211 Datasheet
324Kb / 12P
[Old version datasheet]   8-BIT DMOS SINK DRIVER
logo
Cystech Electonics Corp...
CH-D3815PB CYSTEKEC-CH-D3815PB Datasheet
176Kb / 6P
   8-CH Darlington Sink Driver
logo
New Jersey Semi-Conduct...
2N5771 NJSEMI-2N5771 Datasheet
82Kb / 1P
   SATURATED SWIRCHES
logo
Toshiba Semiconductor
TD62S011AFM TOSHIBA-TD62S011AFM Datasheet
86Kb / 8P
   1-Channel Sink-Current Driver
TD62001APG TOSHIBA-TD62001APG_06 Datasheet
507Kb / 15P
   7-channel Darlington Sink Driver
TD62003APG TOSHIBA-TD62003APG Datasheet
577Kb / 13P
   7-channel Darlington Sink Driver
2009-10-01
TD62001AP TOSHIBA-TD62001AP_06 Datasheet
939Kb / 15P
   7-channel Darlington Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com