Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM16P2024B30 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PM16P2024B30
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM16P2024B30 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PM16P2024B30 Datasheet HTML 1Page - List of Unclassifed Manufacturers PM16P2024B30 Datasheet HTML 2Page - List of Unclassifed Manufacturers PM16P2024B30 Datasheet HTML 3Page - List of Unclassifed Manufacturers PM16P2024B30 Datasheet HTML 4Page - List of Unclassifed Manufacturers PM16P2024B30 Datasheet HTML 5Page - List of Unclassifed Manufacturers PM16P2024B30 Datasheet HTML 6Page - List of Unclassifed Manufacturers PM16P2024B30 Datasheet HTML 7Page - List of Unclassifed Manufacturers PM16P2024B30 Datasheet HTML 8Page - List of Unclassifed Manufacturers PM16P2024B30 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
www.andersonpower.com - 1 -
All Data Subject To Change Without Notice
SECTION 1
• Index & Product Selector .............................. 1
• Technical Reference ..................................... 4
• Glossary ........................................................ 10
• Engineering Reference ................................. 12
SECTION 2
• Powerpole® Connectors ............................... 16
- PP15 to PP45 ....................................... 20
- Powerpole® Pak .................................... 23
- Powerpole® PP75 ................................. 30
- Powerpole® PP120 ............................... 36
- Powerpole® PP180 ............................... 39
SECTION 3
• Multipole Connectors ....................................... 44
- SBS® ................................................... 49
- SB®50 ................................................. 57
- SB®120 ............................................... 62
- SB®175 ............................................... 66
- SB®350 ............................................... 71
- SBE®80 / SBO®60 ............................... 77
- SBE®160 / SBX®175 ........................... 82
- SBE®320 / SBX®350 ........................... 88
SECTION 4
• Tooling ......................................................... 95
SECTION 5
• Part Number Page Reference ..................... 101
Powerpole® Connector Family
Multipole Connector Family
Page Number
16
44
Amps (UL) Per Pole
Up to 350
Up to 450
Volts (UL) Per Pole
Up to 600
Up to 600
Wire Gauge (AWG)
20 - 3/0
16 - 300 mcm
Wire Gauge (mm²)
0.5 - 85.0
1.3 - 152
Number of Power Circuits
1 / Stackable
2 - 3 / Not Stackable
Ground
Auxiliary
PCB Mount
Bus Bar
Panel Mount
Blind Mate
Hot Plug
Touch Safe
Strain Relief
Polarized Housing
Mechanically Keyed
Latching
Handle
Air Supply System


Similar Part No. - PM16P2024B30

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
PM16P2024A30 APP-PM16P2024A30 Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
PM16P2024C30 APP-PM16P2024C30 Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
PM16P2024S30 APP-PM16P2024S30 Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
PM16P2024S30-50 APP-PM16P2024S30-50 Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
More results

Similar Description - PM16P2024B30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com