Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11873-TRM-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # LB11873-TRM-E
Description  For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11873-TRM-E Datasheet(HTML) 4 Page - ON Semiconductor

  LB11873-TRM-E Datasheet HTML 1Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 2Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 3Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 4Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 5Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 6Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 7Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 8Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LB11873
No.A0081-4/14
Continued from preceding page.
Ratings
Unit
Parameter
Symbol
Conditions
min
typ
max
S/S pin
High-level input voltage
VIH (SS)
2.0
VREG
V
Low-level input voltage
VIL (SS)
0
1.0
V
Input open voltage
VIO (SS)
3.0
V
Hysteresis
VIS (SS)
0.21
0.25
0.29
V
High-level input current
IIH (SS)
VS/S = VREG
115
150
μA
Low-level input current
IIL (SS)
VS/S = 0V
-220
-175
μA
BRSEL pin
High-level input voltage
VIH (BRSEL)
2.0
VREG
V
Low-level input voltage
VIL (BRSEL)
0
1.0
V
Input open voltage
VIO (BRSEL)
3.0
V
Hysteresis
VIS (BRSEL)
0.21
0.25
0.29
V
High-level input current
IIH (BRSEL)
VBRSEL = VREG
115
150
μA
Low-level input current
IIL (BRSEL)
VBRSEL = 0V
-220
-175
μA
Package Dimensions
unit : mm (typ)
3235A
Three-Phase Logic Truth Table (The input "H" state is the state where IN+ > IN-)
IN1
IN2
IN3
OUT1
OUT2
OUT3
H
L
H
L
H
M
H
L
L
L
M
H
H
H
L
M
L
H
L
H
L
H
L
M
L
H
H
H
M
L
L
L
H
M
H
L
S/S pin
Input state
State
High or open
Stop
Low
Start
BRESEL pin
Input state
During deceleration
High or open
Free running
Low
Reverse braking
SANYO : HSOP36(375mil)
(6.2)
36
1
0.8
17.8
2.7
0.3
0.25
(0.5)
2.0
0
1.0
0.5
1.5
2.0
2.5
– 20
0
80
60
20
40
100
0.9W
2.1W
1.18W
Ambient temperature, Ta – °C
Pd max – Ta
Specified circuit board : 114.3
×76.1×1.6mm3
glass epoxy board
Independent IC


Similar Part No. - LB11873-TRM-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
More results

Similar Description - LB11873-TRM-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com