Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD500RAU-20QE Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD500RAU-20QE
Description  PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD500RAU-20QE Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD500RAU-20QE Datasheet HTML 1Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 2Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 3Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 4Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 5Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 6Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 7Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 8Page - Advanced Linear Devices ALD500RAU-20QE Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ALD500RAU/ALD500RA/ALD500R
Advanced Linear Devices
5
DC & AC ELECTRICAL CHARACTERISTICS
TA = 25°C V supply = ±5.0V unless otherwise specified; CAZ = CREF = 0.47µf
500RAU
500RA
500R
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Supply Current
IS
0.6
1.0
0.6
1.0
0.6
1.0
mA
V
+ = 5V , A =1,B=1
Power Dissipation
PD
10
10
10
mW
V supply=
±5V
Positive Supply Range
V+S
4.5
5.5
4.5
5.5
4.5
5.5
V
Note 4
Negative Supply Range
V-S
-4.5
-5.5
-4.5
-5.5
-4.5
-5.5
V
Note 4
Comparator Logic 1,
VOH
44
4
V
ISOURCE = 400µA
Output High
Comparator Logic 0,
VOL
0.4
0.4
0.4
V
ISINK = 1.1mA
Output Low
Logic 1, Input High
VIH
3.5
3.5
3.5
V
Voltage
Logic 0, Input Low
VIL
11
1
V
Voltage
Logic Input Current
IL
0.01
0.01
0.01
µA
Comparator Delay
tD
11
1
µsec
Note 5
Figure 3. ALD500R TIMING DIAGRAM
66.667 msec.
123,093
Clock Pulses
Positive Input Signal
Negative Input Signal
66.667 msec.
0.5416
µs
123,093
Clock Pulses
COUT
B INPUT
A INPUT
1.8432 MHz Clock
1 Conversion Cycle
Auto Zero
Phase
Input Signal
Integration
Phase
Reference
Voltage
Deintegration
Phase
Integrator Zero
Phase
Auto Zero
Phase
Fixed number
of clock pulses
by design.
Variable
number of
clock pulses.
~
Clock data in
or clock data out
of counters within the
the microcontroller
or fixed logic controller,
as needed.
Fixed period of
approx.1 msec.
At VIN MAX,
max. number of
clock pulses
= 246,185
NOT VALID
Stop counter upon
detection of comparator
output going from high
to low state.
START DEINTEGRATION CYCLE
START INTEGRATION CYCLE
START
CONVERSION
CYCLE
START INTEGRATOR ZERO CYCLE
COUT
NOT VALID
REPEAT
CONVERSION
CYCLE


Similar Part No. - ALD500RAU-20QE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500RAU-20QE ADL-ALD500RAU-20QE Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
ALD500RAU-20QEI ADL-ALD500RAU-20QEI Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
More results

Similar Description - ALD500RAU-20QE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500RAU ADL-ALD500RAU Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
logo
Advanced Linear Devices
ALD500AU ALD-ALD500AU Datasheet
88Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
logo
ADL Embedded Solutions
ALD500 ADL-ALD500 Datasheet
70Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
1999
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com