Electronic Components Datasheet Search |
|
EXBN4V4720X Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
EXBN4V4720X Datasheet(HTML) 3 Page - Panasonic Semiconductor |
3 / 3 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Chip Resistor Array –60 –40 –20 0 20 40 60 80 100 120 140 160 180 0 20 40 60 80 100 70 °C –55 °C 125 °C Ambient Temperature (°C) Item Specifications Resistance Range 10 Ω to 1 MΩ : E24 series Resistance Tolerance J : ±5 % Number of Terminals 14V,24V,V4V,34V 4 terminal 18V,28V,N8V,38V,V8V,S8V 8 terminal 2HV 16 terminal Number of Resistors 14V,24V,V4V,34V 2 element 18V,28V,N8V,38V,V8V,S8V 4 element 2HV 8 element Power Rating at 70 °C 14V,N8V 0.031 W/element 18V 0.031 W/element (0.1 W/package) 24V,28V,V4V,34V,V8V,38V 0.063 W/element S8V 0.1 W/element 2HV 0.063 W/element (0.25 W/package) ■ Ratings (1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Power Rating × Resistance Value, or Limiting Element Voltage listed above, whichever less. (2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5 × Power Rating or max. Overload Voltage listed above whichever less. Power Derating Curve For resistors operated in ambient temperature above 70 °C, power rating shall be derated in accordance with the figure on the right. Item Specifications Limiting Element Voltage (1) 14V,18V 12.5 V 2HV 25 V 24V,28V,N8V,38V,34V,V4V,V8V 50 V S8V 100 V Maximum Overload Voltage (2) 14V,18V 25 V 2HV 50 V 24V,28V,N8V,38V,34V,V4V,V8V 100 V S8V 200 V T.C.R. ±200 ×10-6/°C Category Temperature Range –55 °C to 125 °C Rated Current 14V,18V 0.5 A 2HV,24V,28V,N8V,38V,34V,V4V,V8V 1 A S8V 2 A Maximum Overload Current 14V,18V 1 A 2HV,24V,28V,N8V,38V,34V,V4V,V8V 2 A S8V 4 A Aug. 2012 01 31 |
Similar Part No. - EXBN4V4720X |
|
Similar Description - EXBN4V4720X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |