Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP2-L2-DC3V Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # SP2-L2-DC3V
Description  2c 15A, 4c 10A polarized power relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SP2-L2-DC3V Datasheet(HTML) 6 Page - Panasonic Semiconductor

  SP2-L2-DC3V Datasheet HTML 1Page - Panasonic Semiconductor SP2-L2-DC3V Datasheet HTML 2Page - Panasonic Semiconductor SP2-L2-DC3V Datasheet HTML 3Page - Panasonic Semiconductor SP2-L2-DC3V Datasheet HTML 4Page - Panasonic Semiconductor SP2-L2-DC3V Datasheet HTML 5Page - Panasonic Semiconductor SP2-L2-DC3V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Panasonic:
SP4-L2-DC12V SP2-SF SP2-DC5V SP4-L2-DC5V SP2-DC12V SP2-P-DC24V SP4-DC12V SP4-SF SP4-P-
DC24V SP4-PL2-DC24V SP4-DC24V SP2-L2-DC12V SP4-L2-DC24V SP2-DC24V SP2-L2-DC5V SP4-P-DC12V
SP4-PL2-DC5V SP2-DC3V SP2-DC48V SP2-DC6V SP2-L2-DC24V SP2-L2-DC3V SP2-L2-DC48V SP2-L2-DC6V
SP2-P-DC12V SP2-P-DC48V SP2-P-DC5V SP2-PL2-DC12V SP2-PL2-DC24V SP2-PL2-DC48V SP2-PL2-DC5V
SP4-DC3V SP4-DC48V SP4-DC5V SP4-DC6V SP4-L2-DC3V SP4-L2-DC48V SP4-L2-DC6V SP4-P-DC48V SP4-
P-DC5V SP4-P-DC6V SP4-PL2-DC12V SP4-PL2-DC48V SP4-PL2-DC6V SP4-DC32V SP4-DC36V SP-MA SP2-
DC110V SP2-DC36V SP4-DC110V


Similar Part No. - SP2-L2-DC3V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP2-L2-DC3V NAIS-SP2-L2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP2-L2-DC3V PANASONIC-SP2-L2-DC3V Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results

Similar Description - SP2-L2-DC3V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Omron Electronics LLC
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
   Flat Relays that Switch 10A/15A Loads Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com