Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE1AN-P-DC24V-H18 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # HE1AN-P-DC24V-H18
Description  Ideal for solar inverter compact size, 1a 35a/48a power relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HE1AN-P-DC24V-H18 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  HE1AN-P-DC24V-H18 Datasheet HTML 1Page - Panasonic Semiconductor HE1AN-P-DC24V-H18 Datasheet HTML 2Page - Panasonic Semiconductor HE1AN-P-DC24V-H18 Datasheet HTML 3Page - Panasonic Semiconductor HE1AN-P-DC24V-H18 Datasheet HTML 4Page - Panasonic Semiconductor HE1AN-P-DC24V-H18 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Panasonic Corporation 2013
©
Panasonic Corporation Automation Controls Buisiness Division
industrial.panasonic.com/ac/e/
HE PV Type
–3–
ASCTB101E 201307-T
REFERENCE DATA
1.-(1) Coil temperature rise
(Standard type)
Sample: HE1aN-P-DC9V-H18, 6 pcs.
Point measured: coil inside
Ambient temperature: 25
°C 77°F, 60°C 140°F, 85°C
185
°F
Contact carrying current: 35A
1.-(2) Coil temperature rise
(High capacity type)
Sample: HE1aN-P-DC9V-Y5, 6 pcs.
Point measured: coil inside
Ambient temperature: 25
°C 77°F, 60°C 140°F, 85°C
185
°F
Contact carrying current: 48A
0
10
70
60
50
40
30
20
60
70
80
90
100
50
85
°C
60
°C
25
°C
Coil applied voltage, %V
0
10
70
60
50
40
30
20
60
70
80
90
100
50
85
°C
60
°C
25
°C
Coil applied voltage, %V
2.-(1) Electrical life test (Standard type, Resistive load 250V AC, 35A at 85
°C 185°F)
Sample: HE1aN-P-DC9V-H18, 6 pcs.
Operation frequency: 6 times/min.
(ON/OFF = 1.0s : 9.0s)
Circuit:
Change of pick-up and drop-out voltage
Change of contact resistance
250V AC
9V DC
Contact
welding
detection
and Mis-
contacting
detection
circuit
0
0
2
1
4
3
5
6
8
7
9
3
Max.
Min.
x
Pick-up voltage
Drop-out voltage
Max.
Min.
x
No. of operations,
×104
0
0
20
40
60
80
100
10
30
50
70
90
3
No. of operations,
×104
Max.
Min.
x
2.-(2) Electrical life test (High capacity type, Resistive load 250V AC, 48A at 85
°C 185°F)
Sample: HE1aN-P-DC9V-Y5, 6 pcs.
Operation frequency: 6 times/min.
(ON/OFF = 1.0s : 9.0s)
Circuit:
Change of pick-up and drop-out voltage
Change of contact resistance
250V AC
9V DC
Contact
welding
detection
and Mis-
contacting
detection
circuit
0
0
2
1
4
3
5
6
8
7
9
3
Max.
Min.
x
Pick-up voltage
Drop-out voltage
Max.
Min.
x
No. of operations,
×104
0
0
20
40
60
80
100
10
30
50
70
90
3
No. of operations,
×104
Max.
Min.
x


Similar Part No. - HE1AN-P-DC24V-H18

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HE1AN-P-DC24V NAIS-HE1AN-P-DC24V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
logo
Panasonic Semiconductor
HE1AN-P-DC24V PANASONIC-HE1AN-P-DC24V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
HE1AN-P-DC24V PANASONIC-HE1AN-P-DC24V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays
More results

Similar Description - HE1AN-P-DC24V-H18

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JC2AF-DC24V PANASONIC-JC2AF-DC24V Datasheet
168Kb / 5P
   COMPACT POWER RELAYS
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
   Load for air conditioner 1a 20A power relays
logo
Omron Electronics LLC
G3RD-X02PN-2DC24 OMRON-G3RD-X02PN-2DC24 Datasheet
558Kb / 4P
   Compact SSRs Ideal for Built-in Applications
logo
IDEC Corporation
RH IDEC-RH Datasheet
3Mb / 10P
   RH Series Compact Power Relays
2017
logo
Renesas Technology Corp
RJH1CV7DPK RENESAS-RJH1CV7DPK_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPK RENESAS-RJH1CV7DPK Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
logo
Panasonic Battery Group
PQ PANASONICBATTERY-PQ Datasheet
61Kb / 3P
   1a 5A small size power relay for interface
logo
MacMic
MMG35HD120XT6TC MACMIC-MMG35HD120XT6TC Datasheet
1Mb / 7P
   1200V 35A RectifierInverter Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com