Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE1AN-P-DC48V Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # HE1AN-P-DC48V
Description  TV-10/TV-15 rated 1a 30A, 2a 20A power relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HE1AN-P-DC48V Datasheet(HTML) 6 Page - Panasonic Semiconductor

  HE1AN-P-DC48V Datasheet HTML 1Page - Panasonic Semiconductor HE1AN-P-DC48V Datasheet HTML 2Page - Panasonic Semiconductor HE1AN-P-DC48V Datasheet HTML 3Page - Panasonic Semiconductor HE1AN-P-DC48V Datasheet HTML 4Page - Panasonic Semiconductor HE1AN-P-DC48V Datasheet HTML 5Page - Panasonic Semiconductor HE1AN-P-DC48V Datasheet HTML 6Page - Panasonic Semiconductor HE1AN-P-DC48V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HE
ASCTB183E 201202-T
3. TM type
4. Screw terminal type
External dimensions
Single side stable type
1 Form A
2 Form A
General tolerance:
±0.3 ±.012
14
5
6
R4
R.157
.138
3.5
.404
.331
10.25
8.4
6.35
4.5
.177
0.8
.250
.031
#250 tab terminal
33
1.299
10.4
.409
35
1.378
0.8
.031
36.4
1.433
50
40
47.6
1.874
60
1.969
1.575
2.362
.138
3.5
.404
.331
10.25
8.4
6.35
0.8
.250
.031
#250 tab terminal
10.4
.409
35
1.378
0.8
.031
14
3
5
6
R4
R.157
4.5
.177
2
33
1.299
36.4
1.433
14.4
.567
50
40
60
1.969
1.575
2.362
47.6
1.874
Schematic (Bottom view)
Single side stable type
Panel cutout
Tolerance:
±0.1 ±.004
14
5
6
1
65
2
34
1 Form A
2 Form A
2-.177
±.004 dia.
2-4.5
±0.1 dia.
47.6
±0.1
1.874
±.004
CAD Data
1 Form A
External dimensions
Single side stable type
14.4
21.5
.846
17.5
.689
16.5
.650
33.5
1.319
M.138
M3.5
R4
R.157
2-.177 dia.
2-4.5 dia.
M.177
M4.5
40.0
51.0
.567
1.575
2.008
50.0
1.969
.295
7.5
44.5
1.752
0.8
.031
.138
3.5
General tolerance:
±0.3 ±.012
Schematic (Bottom view)
Single side stable type
Panel cutout
Tolerance:
±0.1 ±.004
14
5
6
2-.177
±.004 dia.
2-4.5
±0.1 dia.
40
±0.1
1.575
±.004
CAD Data


Similar Part No. - HE1AN-P-DC48V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HE1AN-P-DC48V NAIS-HE1AN-P-DC48V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
logo
Panasonic Semiconductor
HE1AN-P-DC48V PANASONIC-HE1AN-P-DC48V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
More results

Similar Description - HE1AN-P-DC48V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HE1AN-P-DC6V PANASONIC-HE1AN-P-DC6V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
LKP1AF-24V PANASONIC-LKP1AF-24V Datasheet
63Kb / 3P
   1a 10A TV-5 rated power relays
ALA2F12 PANASONIC-ALA2F12 Datasheet
71Kb / 4P
   TV-4 rated. 2a 3A/5A power relays Automatic vending machine
logo
Nihon Kaiheiki Industry...
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
logo
Panasonic Semiconductor
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
   Load for air conditioner 1a 20A power relays
JTV1AS-PA-12V PANASONIC-JTV1AS-PA-12V Datasheet
90Kb / 4P
   Surge withstand voltage: 6kV 1a/1c 30A power relays
JTV1AS-PA-24V PANASONIC-JTV1AS-PA-24V Datasheet
90Kb / 4P
   Surge withstand voltage 6kV 1a/1c 30A power relays
logo
Panasonic Battery Group
JTV PANASONICBATTERY-JTV Datasheet
90Kb / 4P
   Surge withstand voltage 6kV 1a/1c 30A power relays
logo
Panasonic Semiconductor
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com