Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB326P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LB326P
Description  Enclosed Isolators 3, 4, 6 and 8 Poles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LB326P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LB326P Datasheet HTML 1Page - List of Unclassifed Manufacturers LB326P Datasheet HTML 2Page - List of Unclassifed Manufacturers LB326P Datasheet HTML 3Page - List of Unclassifed Manufacturers LB326P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Enclosed Isolators
3, 4, 6 and 8 Poles
Page <4>
26/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Part Number Table
Description
Part Number
Isolator Enclosed 2 A 4 Pole
LB204P
Isolator Enclosed 2 A 4 Pole
LB254P
Isolator Enclosed 2 A 4 P BB
LB254PBB
Isolator Enclosed 2 A 6 Pole
LB256P
Isolator Enclosed 2 A 8 Pole
LB258P
Isolator Enclosed 3 A 3 Pole
LB323P
Isolator Enclosed 3 A 4 Pole
LB324P
Isolator Enclosed 3 A 4 P BB
LB324PBB
Isolator Enclosed 3 A 6 Pole
LB326P
Isolator Enclosed 3 A 8 Pole
LB328P
Isolator Enclosed 4 A 3 Pole
LB403P
Isolator Enclosed 4 A 4 Pole
LB404P
Description
Part Number
Isolator Enclosed 4 A 4 P BB
LB404PBB
Isolator Enclosed 4 A 6 Pole
LB406P
Isolator Enclosed 4 A 8 pole
LB408P
Isolator Enclosed 6 A 3 Pole
LB633P
Isolator Enclosed 6 A 4 Pole
LB634P
Isolator Enclosed 8 A 3 Pole
LB803P
Isolator Enclosed 8 A 4 Pole
LB804P
Isolator Enclosed 10 A 4 Pole
LB1004P
Isolator Enclosed 12 A 4 Pole
LB1254P
Isolator Change Over 2 A 4P
LBC254P
Isolator Change Over 3 A 4P
LBC324P
Isolator Change Over 4 A 4P
LBC404P
Part Number Explanation:
Current Rating
: 20 = 20 A, 25 = 25 A, 32 = 32 A, 40 = 40 A, 63 = 63 A, 80 = 80 A, 100 = 100 A and
125 = 125 A (AC-21 A and AC-1)
Number of Poles
: 3P = 3, 4P = 4, 6P = 6 and 8 = 8 poles
Enclosure Size
: BB = enclosure size (large enclosure if required)
Load Break
LB
Current Rating
25
Number of
Poles
4P
BB
Enclosure Size
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - LB326P

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB320Z SEOUL-LB320Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LB321 SEOUL-LB321 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LB321 SEOUL-LB321 Datasheet
360Kb / 13P
   CYAN LAMP LED
LB321 SEOUL-LB321 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB321 SEOUL-LB321 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LB326P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14130 MAXIM-MAX14130_V01 Datasheet
1Mb / 25P
   4-Channel, 1kVRMS and 2.75kVRMS, Digital Isolators
2020
logo
Lumins Inc.
PXD10 LUMINIS-PXD10 Datasheet
102Kb / 2P
   4??Dia.X 6??extruded aluminum step poles
logo
California Micro Device...
CM1470 CALMIRCO-CM1470 Datasheet
353Kb / 11P
   Praetorian??4-, 6- and 8-Channel Series Inductor Networks
logo
Switchcraft, Inc.
N113X SWITCH-N113X Datasheet
94Kb / 5P
   1/4 ENCLOSED PHONE JACKS
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
   6/3 X 8 PORT EXPANDER
logo
Grayhill, Inc
87CC3-201 GRAYHILL-87CC3-201 Datasheet
710Kb / 5P
   1, 2, 3, 4, 5 and 6 Button Individual Keyswitches
logo
Analog Devices
ADP1034 AD-ADP1034 Datasheet
4Mb / 41P
   3-Channel Isolated Micropower Management Unit with Seven Digital Isolators and
Rev. 0
logo
ON Semiconductor
CM1636 ONSEMI-CM1636 Datasheet
880Kb / 22P
   4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
May 2010 ??Rev. 2
logo
List of Unclassifed Man...
JGX-39F ETC1-JGX-39F Datasheet
118Kb / 4P
   AC250V 4/6/8/10 Amp
logo
Molex Electronics Ltd.
84584 MOLEX-84584 Datasheet
55Kb / 2P
   Micro-C PolyPort??Junction Boxes 4, 6 and 8 Port Junction Boxes in a 3 Circuit Configuration
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com