Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPS1E471MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UPS1E471MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPS1E471MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UPS1E471MHD Datasheet HTML 1Page - Nichicon corporation UPS1E471MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100T
ALUMINUM ELECTROLYTIC CAPACITORS
PS
series
Miniature Sized, Low Impedance,
For Switching Power Supplies
Wide temperature range type, miniature sized.
PS
PJ
Radial Lead Type
Specifications
Type numbering system (Example : 25V 470µF)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 55 ~ +105˚C (6.3 ~ 100V), – 40 ~ +105˚C (160 ~ 400V), – 25 ~ +105˚C (450V)
6.3 ~ 450V
0.47 ~ 15000µF
± 20% at 120Hz, 20˚C
Printed with white color letter on dark brown sleeve.
After leaving capacitors under no load at 105˚C for 1000 hours, they meet the specified
value for endurance characteristics listed above.
Rated voltage (V)
6.3 ~ 100
160 ~ 450
Leakage current
After 1 minute's application of rated voltage, leakage current
is not more than 0.03CV or 4 (µA) , whichever is greater.
CV <
= 1000 : I= 0.1CV+40 (µA)max. (1 minute's)
CV > 1000 :
I= 0.04CV+100 (µA)max. (1 minute's)
Rated voltage (V)
tan
δ (MAX.)
6.3
0.24
10
0.20
16
0.16
25
0.14
35
0.12
50
0.10
63
0.09
100
0.08
160 ~ 250
0.15
315 · 350
0.20
400 · 450
0.25
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF
Measurement frequency : 120Hz,
Temperature : 20˚C
Measurement frequency : 120Hz
Z– 25˚C / Z+20˚C
Rated voltage (V)
Impedance ratio
6.3 · 10
5
16 · 25
4
35 · 50
3
63 · 100
2
3
160 · 200
3
4
250
3
6
315 · 350
4
8
400
6
10
450
15
Z– 40˚C / Z+20˚C
Z– 55˚C / Z+20˚C
After an application of D.C. bias voltage plus the rated ripple
current for 3000 hours (2000 hours for D = 5 ~ 10) at 105˚C the
peak voltage shall not exceed the rated D.C. voltage, capacitors
meet the characteristic requirements listed at right.
Frequency coefficient of rated ripple current
V
6.3 ~ 100
160 ~ 450
Frequency
Cap.(µF)
.. ~ 47
100 ~ 220.
330 ~ 680.
.1000 ~ 15000
0.47 ~ 2200
330 ~ 470.
50Hz
0.30
0.57
0.75
0.80
0.90
120Hz
0.17
0.50
0.71
0.87
1.00
1.00
300Hz
0.40
0.65
0.82
0.96
1.25
1.10
1kHz
0.65
0.80
0.90
0.98
1.40
1.13
10kHz ~
1.00
1.00
1.00
1.00
1.60
1.15
U
1
P
2
S
3
1
4
E
5
4
6
7
7
1
8
M
9
P
10
D
11
12
Configuration
Size code
Series name
Type
φd
Pressure
relief vent
φD
P
φd
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
20
22
10.0
10.0
1.0
1.0
25
12.5
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1.0
1.0
15MIN
4MIN
(
φ6.3up)
L+ MAX
(L < 20) 1.5
(L
20) 2.0
Capacitance tolerance (
±20%)
Rated Capacitance (470
µF)
Rated voltage (25V)
Sleeve (P.E.T.)
φ D
5
Pb-free leadwire
Pb-free PET sleeve
Sn-Pb finished leadwire
PVC sleeve (containing Pb)
DD
DH
6.3
ED
EH
8 · 10
PD
PH
12.5 ~ 18
HD
HH
20 ~ 25
RD
RH
Configuration
Please contact to us if other configurations are required.
(mm)
Leakage current
tan
δ
Capacitance change
Initial specified value or less
200% or less of initial specified value
Within ±20% of initial value
Please refer to page 19, 20, 21 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
(Through 100V only)
Dimension table in next pages.
Smaller


Similar Part No. - UPS1E471MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPS1E471MHD NICHICON-UPS1E471MHD Datasheet
91Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPS1E471MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com