Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERX5FZJW1R0E Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ERX5FZJW1R0E
Description  Metal (Oxide) Film Re sis tors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERX5FZJW1R0E Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ERX5FZJW1R0E Datasheet HTML 1Page - Panasonic Semiconductor ERX5FZJW1R0E Datasheet HTML 2Page - Panasonic Semiconductor ERX5FZJW1R0E Datasheet HTML 3Page - Panasonic Semiconductor ERX5FZJW1R0E Datasheet HTML 4Page - Panasonic Semiconductor ERX5FZJW1R0E Datasheet HTML 5Page - Panasonic Semiconductor ERX5FZJW1R0E Datasheet HTML 6Page - Panasonic Semiconductor ERX5FZJW1R0E Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal (Oxide) Film Resistors
t
T
PP (VP)
Type
K
Vpmax. (V)
ERG(X)12S
0.5
600
ERG(X) 1S
0.5
600
ERG(X) 2S
0.5
700
ERG(X) 3S
0.5
700
ERG(X) 5S
0.5
1000
PP
: Pulse limit power (W)
VP
: Pulse limit voltage (V)
t
: Pulse continuous time (s)
T
: Period (s)
VR
: Rated voltage (V)
P
: Rated power (W)
R
: Resistance value (
Ω)
Vp max. : Max. pulse limit voltage (V)
Pulse Characteristics (Usual)
(Data for Reference)
● T>1(s)
→ T=1(s)
● T/
t>100 → T/t=100
● PP<P
→ P stands for PP
(VP<VR
→ VR stands for VP)
● Added voltage
<Vp max.
● PP or VP is referent value
Conditions: Pulse added time=1000 h
Resistance change=±5 %
Room temperature
Withstand pulse limit power is calculated by the next
method.
PP = K·P·T/
t
VP =
√K·P·R·T/t
Reference to the right about a fixed number of VP max.
Aug. 2012
01
56


Similar Part No. - ERX5FZJW1R0E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERX5FZJW1R0E PANASONIC-ERX5FZJW1R0E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX5FZJW1R0E PANASONIC-ERX5FZJW1R0E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX5FZJW1R0E PANASONIC-ERX5FZJW1R0E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX5FZJW1R0E PANASONIC-ERX5FZJW1R0E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
More results

Similar Description - ERX5FZJW1R0E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERG-1SJ470 PANASONIC-ERG-1SJ470 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ223E PANASONIC-ERG-2SJ223E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ243A PANASONIC-ERG-2SJ243A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103V PANASONIC-ERG-2SJ103V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103 PANASONIC-ERG-2SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2SJ4R7V PANASONIC-ERX-2SJ4R7V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2FJSR62E PANASONIC-ERX-2FJSR62E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-1SJ271A PANASONIC-ERG-1SJ271A Datasheet
178Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ104A PANASONIC-ERG-2SJ104A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERD-S1TJ472V PANASONIC-ERD-S1TJ472V Datasheet
171Kb / 7P
   Carbon Film Re sis tors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com