Electronic Components Datasheet Search |
|
UPS2A471MED Datasheet(PDF) 1 Page - Nichicon corporation |
|
UPS2A471MED Datasheet(HTML) 1 Page - Nichicon corporation |
1 / 2 page CAT.8100T ALUMINUM ELECTROLYTIC CAPACITORS PS series Miniature Sized, Low Impedance, For Switching Power Supplies Wide temperature range type, miniature sized. PS PJ Radial Lead Type Specifications Type numbering system (Example : 25V 470µF) Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan δ Stability at Low Temperature Endurance Shelf Life Marking Performance Characteristics Item – 55 ~ +105˚C (6.3 ~ 100V), – 40 ~ +105˚C (160 ~ 400V), – 25 ~ +105˚C (450V) 6.3 ~ 450V 0.47 ~ 15000µF ± 20% at 120Hz, 20˚C Printed with white color letter on dark brown sleeve. After leaving capacitors under no load at 105˚C for 1000 hours, they meet the specified value for endurance characteristics listed above. Rated voltage (V) 6.3 ~ 100 160 ~ 450 Leakage current After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (µA) , whichever is greater. CV < = 1000 : I= 0.1CV+40 (µA)max. (1 minute's) CV > 1000 : I= 0.04CV+100 (µA)max. (1 minute's) Rated voltage (V) tan δ (MAX.) 6.3 0.24 10 0.20 16 0.16 25 0.14 35 0.12 50 0.10 63 0.09 100 0.08 160 ~ 250 0.15 315 · 350 0.20 400 · 450 0.25 For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF Measurement frequency : 120Hz, Temperature : 20˚C Measurement frequency : 120Hz Z– 25˚C / Z+20˚C Rated voltage (V) Impedance ratio 6.3 · 10 — — 5 16 · 25 — — 4 35 · 50 — — 3 63 · 100 2 3 — 160 · 200 3 4 — 250 3 6 — 315 · 350 4 8 — 400 6 10 — 450 15 — — Z– 40˚C / Z+20˚C Z– 55˚C / Z+20˚C After an application of D.C. bias voltage plus the rated ripple current for 3000 hours (2000 hours for D = 5 ~ 10) at 105˚C the peak voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristic requirements listed at right. Frequency coefficient of rated ripple current V 6.3 ~ 100 160 ~ 450 Frequency Cap.(µF) .. ~ 47 100 ~ 220. 330 ~ 680. .1000 ~ 15000 0.47 ~ 2200 330 ~ 470. 50Hz — 0.30 0.57 0.75 0.80 0.90 120Hz 0.17 0.50 0.71 0.87 1.00 1.00 300Hz 0.40 0.65 0.82 0.96 1.25 1.10 1kHz 0.65 0.80 0.90 0.98 1.40 1.13 10kHz ~ 1.00 1.00 1.00 1.00 1.60 1.15 U 1 P 2 S 3 1 4 E 5 4 6 7 7 1 8 M 9 P 10 D 11 12 Configuration Size code Series name Type φd Pressure relief vent φD P φd 5 2.0 0.5 6.3 2.5 0.5 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.6 16 7.5 0.8 18 7.5 0.8 20 22 10.0 10.0 1.0 1.0 25 12.5 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 15MIN 4MIN ( φ6.3up) L+ MAX (L < 20) 1.5 (L 20) 2.0 Capacitance tolerance ( ±20%) Rated Capacitance (470 µF) Rated voltage (25V) Sleeve (P.E.T.) φ D 5 Pb-free leadwire Pb-free PET sleeve Sn-Pb finished leadwire PVC sleeve (containing Pb) DD DH 6.3 ED EH 8 · 10 PD PH 12.5 ~ 18 HD HH 20 ~ 25 RD RH Configuration Please contact to us if other configurations are required. (mm) Leakage current tan δ Capacitance change Initial specified value or less 200% or less of initial specified value Within ±20% of initial value Please refer to page 19, 20, 21 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity. (Through 100V only) Dimension table in next pages. Smaller |
Similar Part No. - UPS2A471MED |
|
Similar Description - UPS2A471MED |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |