Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPS2A101MDD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPS2A101MDD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPS2A101MDD Datasheet(HTML) 2 Page - Nichicon corporation

  UPS2A101MDD Datasheet HTML 1Page - Nichicon corporation UPS2A101MDD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100T
4.7
10
22
33
47
100
150
220
330
470
680
1000
1500
2200
3300
4700
6800
10000
15000
4R7
100
220
330
470
101
151
221
331
471
681
102
152
222
332
472
682
103
153
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 20
12.5
× 20
16
× 25
16
× 25
16
× 31.5
18
× 35.5
1.50
1.50
1.50
1.50
0.50
0.50
0.50
0.28
0.19
0.19
0.11
0.075
0.075
0.038
0.038
0.033
0.030
160
160
160
160
250
250
250
410
600
600
1000
1250
1250
1900
1900
2350
2700
6.3 (0J)
Case size
φD
× L
(mm)
Impedance
(
Ω)MAX.
20˚C 100kHz
Rated ripple
(mA rms)
105˚C 100kHz
V (Code)
Item
Code
Standard ratings
D
×L(mm)
PS
series
ALUMINUM ELECTROLYTIC CAPACITORS
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
18
× 40
1.50
1.50
1.50
1.50
0.50
0.50
0.28
0.28
0.19
0.14
0.11
0.075
0.057
0.038
0.033
0.030
0.027
160
160
160
160
250
250
410
410
600
800
1000
1250
1550
1900
2350
2700
3300
10 (1A)
Case size
φD
× L
(mm)
Impedance
(
Ω)MAX.
20˚C 100kHz
Rated ripple
(mA rms)
105˚C 100kHz
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
18
× 40
1.50
1.50
1.50
1.50
0.50
0.50
0.28
0.28
0.19
0.14
0.11
0.075
0.057
0.038
0.033
0.030
0.027
160
160
160
160
250
250
410
410
600
800
1000
1250
1550
1900
2350
2700
3300
16 (1C)
Case size
φD
× L
(mm)
Impedance
(
Ω)MAX.
20˚C 100kHz
Rated ripple
(mA rms)
105˚C 100kHz
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
16
× 25
16
× 25
16
× 31.5
18
× 35.5
18
× 40
1.50
1.50
1.50
1.50
1.50
0.50
0.28
0.28
0.19
0.14
0.11
0.075
0.038
0.038
0.033
0.030
0.027
160
160
160
160
160
250
410
410
600
800
1000
1250
1900
1900
2350
2700
3300
25 (1E)
Case size
φD
× L
(mm)
Impedance
(
Ω)MAX.
20˚C 100kHz
Rated ripple
(mA rms)
105˚C 100kHz
0.47
1
2.2
3.3
4.7
10
22
33
47
100
150
220
330
470
680
1000
1500
2200
3300
4700
R47
010
2R2
3R3
4R7
100
220
330
470
101
151
221
331
471
681
102
152
222
332
472
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
18
× 40
1.50
1.50
1.50
1.50
0.50
0.28
0.28
0.19
0.14
0.11
0.075
0.057
0.038
0.033
0.030
0.027
160
160
160
160
250
410
410
600
800
1000
1250
1550
1900
2350
2700
3300
35 (1V)
Case size
φD
× L
(mm)
Impedance
(
Ω)MAX.
20˚C 100kHz
Rated ripple
(mA rms)
105˚C 100kHz
V (Code)
Item
Code
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
7.50
5.30
4.50
3.90
3.50
2.10
1.80
0.65
0.65
0.36
0.26
0.18
0.15
0.13
0.10
0.058
0.040
0.035
25
40
55
65
90
120
150
250
250
340
490
650
810
1100
1200
1600
2000
2300
50 (1H)
Case size
φD
× L
(mm)
Impedance
(
Ω)MAX.
20˚C 100kHz
Rated ripple
(mA rms)
105˚C 100kHz
5
× 11
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
18
× 40
4.70
2.10
0.98
0.71
0.65
0.31
0.25
0.20
0.12
0.081
0.058
0.049
0.038
0.032
68
110
180
220
310
390
440
700
980
1200
1300
1380
1750
2120
63 (1J)
Case size
φD
× L
(mm)
Impedance
(
Ω)MAX.
20˚C 100kHz
Rated ripple
(mA rms)
105˚C 100kHz
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
12.5
× 20
12.5
× 25
16
× 25
16
× 25
16
× 31.5
16
× 35.5
18
× 40
43.0
20.0
9.80
6.60
4.60
1.80
0.68
0.46
0.37
0.18
0.13
0.10
0.090
0.076
0.064
0.047
20
30
44
58
74
130
230
320
420
580
710
890
1080
1310
1410
1520
100 (2A)
Case size
φD
× L
(mm)
Impedance
(
Ω)MAX.
20˚C 100kHz
Rated ripple
(mA rms)
105˚C 100kHz
Rated Ripple (mA rms ) at 105˚C 120Hz
Size
φ 20
×31 is available for capacitors marked " "
Size
φ 20
×35 is available for capacitors marked ""
In this case,
6
will be put at 12th digit of type numbering system.
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 20
12.5
× 20
12.5
× 25
16
× 25
18 × 35.5
20
× 40
22
× 50
12
17
25
36
43
70
130
180
220
330
500
900
1200
2C
160
2D
200
2E
250
2F
315
2V
350
2G
400
2W
450
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
12.5
× 25
16
× 31.5
∆18
× 40
22
× 40
22
× 50
12
17
25
36
50
80
140
190
220
335
515
1100
1310
10
× 12.5
10
× 20
12.5
× 20
12.5
× 20
16
× 25
16
× 31.5
18 × 35.5
20
× 40
25
× 50
Case size
18
29
41
49
75
115
145
175
350
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
12.5
× 25
16
× 25
18 × 35.5
20
× 40
22
× 50
25
× 50
12
17
29
42
50
88
155
190
230
340
525
1150
1350
8
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
16
× 25
16
× 35.5
∆18
× 40
22
× 50
11
16
28
34
45
72
120
155
190
285
540
8
× 11.5
10
× 12.5
10
× 16
10
× 16
10
× 20
12.5
× 20
16
× 25
16
× 31.5
18 × 35.5
20
× 40
25
× 50
11
17
31
38
49
82
130
160
200
290
550
10
× 12.5
10
× 16
10
× 20
10
× 20
12.5
× 25
16
× 25
16
× 31.5
18 × 35.5
22
× 50
16
27
36
43
72
110
140
170
350
Cap.(µF)
Code
Cap. (µF)
Cap. (µF)
V
Rated
ripple
φ D × L (mm)


Similar Part No. - UPS2A101MDD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPS2A471MHD NICHICON-UPS2A471MHD Datasheet
61Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPS2A101MDD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com