Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV852IDT Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TSV852IDT
Description  Low-power, high-accuracy, general-purpose operational amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSV852IDT Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TSV852IDT Datasheet HTML 6Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 7Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 8Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 9Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 10Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 11Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 12Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 13Page - List of Unclassifed Manufacturers TSV852IDT Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical characteristics
TSV85x, TSV85xA
10/31
DocID022468 Rev 3
Figure 2. Supply current vs. supply voltage at
Vicm = VCC/2
Figure 3. Vio distribution at VCC = 5 V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.00
0.05
0.10
0.15
0.20
T=25°C
T=-40°C
T=125°C
Vicm=Vcc/2
Supply Voltage (V)
-4.0 -3.5 -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
0
5
10
15
20
25
30
Vcc=5V
Vicm=2.5V
T=25°C
Input offset voltage (mV)
Figure 4. Input offset voltage vs. input common
mode voltage at VCC = 5 V
Figure 5. Output current vs. output voltage at
VCC = 2.7 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
T=25°C
T=-40°C
T=125°C
Vcc=5V
Input Common Mode Voltage (V)
0.0
0.0
0.5
1.0
1.0
1.5
2.0
2.0
2.5
-30
-20
-20
-10
00
10
20
20
30
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
T=-40°C
Vcc=2.7V
T=125°C
T=25°C
Output Voltage (V)
Figure 6. Output current vs. output voltage at
VCC = 5 V
Figure 7. Output current vs. supply voltage at
Vicm = VCC/2
0.0
0.0 0.5 1.0
1.0 1.5 2.0
2.0 2.5 3.0
3.0 3.5 4.0
4.0 4.5 5.0
5.0
-100
-100
-75
-50
-50
-25
00
25
50
50
75
100
100
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
T=-40°C
Vcc=5V
T=125°C
T=25°C
Output Voltage (V)
2.5
3.0
3.0
3.5
4.0
4.0
4.5
5.0
5.0
5.5
-100
-100
-75
-50
-50
-25
00
25
50
50
75
100
100
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
T=-40°C
Vicm=Vcc/2
T=125°C
T=25°C
Supply Voltage (V)


Similar Part No. - TSV852IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV852 STMICROELECTRONICS-TSV852 Datasheet
805Kb / 31P
   Low-power, high-accuracy, general-purpose operational amplifier
April 2017 Rev 4
TSV852A STMICROELECTRONICS-TSV852A Datasheet
805Kb / 31P
   Low-power, high-accuracy, general-purpose operational amplifier
April 2017 Rev 4
More results

Similar Description - TSV852IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV85X STMICROELECTRONICS-TSV85X Datasheet
805Kb / 31P
   Low-power, high-accuracy, general-purpose operational amplifier
April 2017 Rev 4
LMV822AIST STMICROELECTRONICS-LMV822AIST Datasheet
873Kb / 32P
   Low power, high accuracy, general-purpose operational amplifier
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
Analog Devices
AD540 AD-AD540_15 Datasheet
1Mb / 4P
   HIGH ACCURACY LOW COST FET INPUT OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
   General purpose operational amplifier
August 31, 1994
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
   GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com