Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SER8052-122MEB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # SER8052-122MEB
Description  Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER8052-122MEB Datasheet(HTML) 2 Page - Coilcraft lnc.

  SER8052-122MEB Datasheet HTML 1Page - Coilcraft lnc. SER8052-122MEB Datasheet HTML 2Page - Coilcraft lnc. SER8052-122MEB Datasheet HTML 3Page - Coilcraft lnc. SER8052-122MEB Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SER80xxShielded Power Inductors
Document 892-2 Revised 08/21/12
Document 892 -2
High Isat version for high peak current applications
Inductance2
DCR (mOhm)3
SRF typ4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
typ
max
(MHz)
10% drop
20% drop
30% drop
20°C rise 40°C rise
SER8050-201ME_
0.20
2.22
2.50
381
51.04
53.04
53.44
8.71
12.89
SER8050-451ME_
0.45
3.19
3.50
216
29.52
30.32
31.12
7.95
11.72
SER8050-811ME_
0.80
5.35
5.88
125
22.48
24.40
25.20
6.48
9.43
SER8052-122ME_
1.2
6.44
7.20
110
17.42
18.54
19.18
6.03
8.11
SER8052-182ME_
1.8
8.64
9.50
91
13.60
14.56
14.88
5.33
7.94
SER8052-242ME_
2.4
8.64
9.50
76
10.36
11.38
11.80
5.40
7.58
SER8052-332ME_
3.2
13.03
14.33
72
9.02
9.84
10.24
4.43
6.25
SER8052-402ME_
4.0
13.03
14.33
66
7.04
7.84
8.24
4.53
6.30
0.1
1
10
100
0.1
1
100
10
Current (A)
SER8052-103
SER8052-312
SER8050-501
Low DCR version
0.1
1
10
100
0.1
1
100
10
Current (A)
SER8052-402
SER8052-122
SER8050-201
High Isat version
1. When ordering, please specify
termination and packaging code:
SER8052-402MED
Termination: E =
RoHS tin-silver over tin over nickel over phos bronze (pins 1 and 2); Matte tin over nickel over phos bronze (pin 3).
Special order:T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape (250 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked(1000 parts per full reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A or equivalent.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753D network analyzer and an Agilent/HP 16193A test fixture.
5. DC current at which the inductance drops the specified amount from its value without current.
6. Current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Typical L vs Current


Similar Part No. - SER8052-122MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER8052-122MEB COILCRAFT-SER8052-122MEB Datasheet
401Kb / 3P
   Shielded Power Inductors
More results

Similar Description - SER8052-122MEB

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com