Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0335C1HR10BD01D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM0335C1HR10BD01D
Description  Ultra-small GRM series / GRM033 (0201 Chip size)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0335C1HR10BD01D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM0335C1HR10BD01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM0335C1HR10BD01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0335C1HR10BD01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0335C1HR10BD01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0335C1HR10BD01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0335C1HR10BD01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ultra
Ultra--small GRM series / GRM033 (0201 Chip size)
small GRM series / GRM033 (0201 Chip size)
Features
1. Small chip size, 0201 (L: 0.6 x W: 0.3 x T: 0.3mm).
2. Temperature characteristics: C0G, U2J, X7R, X6S and X5R.
3. No polarity.
4. GRM033 series is suited to only reflow soldering.
5. GRM series is offered with a Ni barrier termination plated with Matte Tin (Sn), and is RoHS compliant.
6. Stringent dimensional tolerances allow highly reliable, high-speed automatic chip placement on PCBs.
7. GRM033 series is suited to miniature microwave module, portable equipment and high-frequency circuit.
Global Part Numbering
GR M 03 3 5C 1H R10 B
D01 D
-1-
-2- -3- -4- -5-
-6-
-7-
-8-
-9- -10-
-9-:Individual Specification Code
-1-:Product ID
-2-:Series
-3-:Dimension (LxW)
-4-:Dimension (T)
-5-:Temperature Characteristics
-6-:Rated Voltage
-7-:Capacitance
-8-:Capacitance Tolerance
-10-:Packaging
Code
Product
M
Tin Plated
Termination
Code
Product
GR
MLCC
Code Capacitance
R10
0.1pF
1R0
1pF
100
10pF
102
1,000pF
104
0.1uF
Code Rated Voltage
0E
DC2.5V
0G
DC 4V
0J
DC 6.3V
1A
DC 10V
1C
DC 16V
1E
DC 25V
Code Cap. Tol.
TC
B
+/-0.1pF C0G,U2J(under 1pF)
C
+/-0.25pF C0G,U2J(1 to 5pF)
D
+/-0.5pF C0G,U2J(under 10pF)
J
+/-5% C0G,U2J(10pF & over)
K
+/-10%
X7R, X6S, X5R
M
+/-20%
X7R, X6S, X5R
Code
Dimension (T)
30.3mm
Code
Dimension (LxW)
03
0.6x0.3mm (EIA:0201)
Code
Packaging
B
Bulk in nyron bag
D
Φ178mm Paper Taping
All information is subject to change without notice, is not warranted in any fashion.
muRata GRM033 2009_6 P.1
FM7500U-097-Jun.09
CHIP MONOLITHIC CERAMIC CAPACITOR
Code
TC
Temp. Range Cap. Change or Operating Temp.
Temp. Coefficient
5C
C0G
-55 to 125C
0+/-30ppm/C
-55 to 125C
7U
U2J
-55 to 85C
-750+/-120ppm/C
-55 to 125C
R7
X7R
-55 to 125C
+/-15%
-55 to 125C
C8
X6S
-55 to 105C
+/-22%
-55 to 105C
R6
X5R
-55 to 85C
+/-15%
-55 to 85C


Similar Part No. - GRM0335C1HR10BD01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0335C1HR10BD01D MURATA-GRM0335C1HR10BD01D Datasheet
4Mb / 221P
   Chip Monolithic Ceramic Capacitors
GRM0335C1HR10BD01D MURATA-GRM0335C1HR10BD01D Datasheet
4Mb / 221P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM0335C1HR10BD01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM03AG100SN1D MURATA-BLM03AG100SN1D Datasheet
94Kb / 3P
   BLM03A Series (0201 Size)
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP_12 Datasheet
152Kb / 5P
   1-Channel Ultra Small 0201 Package ESD Protection
July, 2012 ??Rev. 5
logo
Texas Instruments
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
logo
DB Lectro Inc
NCT DBLECTRO-NCT Datasheet
116Kb / 2P
   Ultra small size, light weight.
logo
Murata Manufacturing Co...
NFM18P MURATA-NFM18P Datasheet
77Kb / 4P
   Ultra small size in 1.6x0.8mm
BLM03BD750SN1D MURATA-BLM03BD750SN1D Datasheet
145Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM03B Series (0201 Size)
logo
Murata Manufacturing Co...
NFL18SP207X1A3 MURATA1-NFL18SP207X1A3_V01 Datasheet
292Kb / 3P
   Ultra-small size in 1.6x0.8x0.6 mm
Last updated07/26/2022
NFL18SP307X1A3 MURATA1-NFL18SP307X1A3_V01 Datasheet
291Kb / 3P
   Ultra-small size in 1.6x0.8x0.6 mm
Last updated07/26/2022
NFL18SP157X1A3 MURATA1-NFL18SP157X1A3_V01 Datasheet
292Kb / 3P
   Ultra-small size in 1.6x0.8x0.6 mm
Last updated07/22/2022
NFL18SP507X1A3 MURATA1-NFL18SP507X1A3_V01 Datasheet
291Kb / 3P
   Ultra-small size in 1.6x0.8x0.6 mm
Last updated07/26/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com