Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TO-251 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # TO-251
Description  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

TO-251 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  TO-251 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2SA1700 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM
: 1
W (Tamb=25
℃)
Collector current
ICM
: -200
mA
Collector-base voltage
V(BR)CBO : -400
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-
10µA, IE=0
-400
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-
1mA, IB=0
-400
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-300V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-4V, IC=0
-0.1
µA
DC current gain
hFE(1)
VCE=-10V, IC=-50mA
60
200
Collector-emitter saturation voltage
VCE(sat)
IC=-50mA, IB=-5mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-50mA, IB=-5mA
-1
V
Transition frequency
fT
VCE=-30V, IC=-10mA
70
MHz
CLASSIFICATION OF hFE(1)
Rank
D
E
Range
60-120
100-200
1
2
3
TO-251
1. BASE
2. COLLECTOR
3. EMITTER
2SA1700
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - TO-251

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-251 ETC2-TO-251 Datasheet
32Kb / 1P
   OUTLINE
logo
SHENZHEN YONGERJIA INDU...
TO-251 WINNERJOIN-TO-251 Datasheet
171Kb / 2P
   TRANSISTOR (NPN)
TO-251 WINNERJOIN-TO-251 Datasheet
109Kb / 2P
   TO-251/TO-252-2 Plastic-Encapsulate Transistors
TO-251 WINNERJOIN-TO-251 Datasheet
124Kb / 1P
   TRANSISTOR (NPN)
TO-251 WINNERJOIN-TO-251 Datasheet
67Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - TO-251

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com